công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F4331 bảng dữ liệu(PDF) 199 Page - Microchip Technology

tên linh kiện PIC18F4331
Giải thích chi tiết về linh kiện  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High Performance PWM and A/D
PDF  396 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4331 bảng dữ liệu(HTML) 199 Page - Microchip Technology

Back Button PIC18F4331 Datasheet HTML 195Page - Microchip Technology PIC18F4331 Datasheet HTML 196Page - Microchip Technology PIC18F4331 Datasheet HTML 197Page - Microchip Technology PIC18F4331 Datasheet HTML 198Page - Microchip Technology PIC18F4331 Datasheet HTML 199Page - Microchip Technology PIC18F4331 Datasheet HTML 200Page - Microchip Technology PIC18F4331 Datasheet HTML 201Page - Microchip Technology PIC18F4331 Datasheet HTML 202Page - Microchip Technology PIC18F4331 Datasheet HTML 203Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 396 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS39616B-page 197
PIC18F2331/2431/4331/4431
FIGURE 17-14:
DUTY CYCLE UPDATE TIMES IN UP/DOWN COUNTING MODE WITH DOUBLE
UPDATES
17.6.4
CENTER-ALIGNED PWM
Center-aligned PWM signals are produced by the
module when the PWM time base is configured in an
Up/Down Counting mode (see Figure 17-15). The
PWM compare output is driven to the active state when
the value of the Duty Cycle register matches the value
of PTMR and the PWM time base is counting
downwards (PTDIR = 1). The PWM compare output
will be driven to the inactive state when the PWM time
base is counting upwards (PTDIR = 0) and the value in
the PTMR register matches the duty cycle value. If the
value in a particular Duty Cycle register is zero, then
the output on the corresponding PWM pin will be
inactive for the entire PWM period. In addition, the
output on the PWM pin will be active for the entire PWM
period if the value in the Duty Cycle register is equal to
or greater than the value in the PTPER register.
FIGURE 17-15:
START OF CENTER-ALIGNED PWM
PTMR Value
PWM output
Duty cycle value loaded from buffer register
New values written to duty cycle buffer.
Note:
When
the
PWM
is
started
in
Center-aligned mode, the period register
(PTPER) is loaded into the PWM Timer
register
(PTMR)
and
the
PTMR
is
configured
automatically
to
start
down-counting. This is done to ensure that
all the PWM signals don’t start at the same
time.
0
PTPER
PTMR
Value
Period
Period/2
Duty
Cycle
Start of
first
PWM
Period
Period
Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com