công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NSC800V bảng dữ liệu(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện NSC800V
Giải thích chi tiết về linh kiện  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V bảng dữ liệu(HTML) 56 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 52Page - National Semiconductor (TI) NSC800V Datasheet HTML 53Page - National Semiconductor (TI) NSC800V Datasheet HTML 54Page - National Semiconductor (TI) NSC800V Datasheet HTML 55Page - National Semiconductor (TI) NSC800V Datasheet HTML 56Page - National Semiconductor (TI) NSC800V Datasheet HTML 57Page - National Semiconductor (TI) NSC800V Datasheet HTML 58Page - National Semiconductor (TI) NSC800V Datasheet HTML 59Page - National Semiconductor (TI) NSC800V Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 76 page
background image
1214 Program Control (Continued)
DJNZ
d
Decrement the B register and conditionally jump to program
location calculated with respect to the program counter and
the displacement d based on the contents of the B register
B
w B b 1
No flags affected
If B e 0 continue
else PC
w PC a d
76543210
00010000
d b 2
Timing
If B i 0
M cycles
3
T states
13 (5 3 5)
If B e 0
M cycles
2
T states
8 (5 3)
Addressing Mode
PC Relative
CALLS
CALL
nn
Unconditional call to subroutine at location nn
(SP b 1)
w PCH
No flags affected
(SP b 2)
w PCL
SP
w SP b 2
PC
w nn
76543210
11001101
n (low-order byte)
n (high-order byte)
Timing
M Cycles
5
T states
17 (4 3 4 3 3)
Addressing Mode
Direct
CALL
cc nn
Conditional call to subroutine at location nn based on test-
able flag stages
If cc true
No flags affected
(SP b 1)
w PCH
(SP b 2)
w PCL
SP
w SP b 2
PC
w nn
else continue
765
4
3210
11
cc
100
n (low-order byte)
n (high-order byte)
Timing
If cc true
M cycles
5
T states 17 (4 3 4 3 3)
If cc not true
M cycles
3
T states
10 (4 3 3)
Addressing Mode
Direct
RETURNS
RET
Unconditional return from subroutine or other return to pro-
gram location pointed to by the top of the stack
PCL
w (SP)
No flags affected
PCH
w (SP a 1)
SP
w SP a 2
76543210
11001001
Timing
M cycles
3
T states
10 (4 3 3)
Addressing Mode
Register Indirect
RET
cc
Conditional return from subroutine or other return to pro-
gram location pointed to by the top of the stack
If cc true
No flags affected
PCL
w (SP)
PCH
w (SP a 1)
SP
w SP a 2
else continue
76543210
11
cc
000
Timing
If cc true
M cycles
3
T states
11 (5 3 3)
If cc not true
M cycles
1
T states
5
Addressing Mode
Register Indirect
RETI
Unconditional return from interrupt handling subroutine
Functionally identical to RET instruction Unique opcode al-
lows monitoring by external hardware
PCL
w (SP)
No flags affected
PCH
w (SP a 1)
SP
w SP a 2
76543210
11101101
01001101
Timing
M cycles
4
T states
14 (4 4 3 3)
Addressing Mode
Register Indirect
56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76