công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NSC800V bảng dữ liệu(PDF) 54 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện NSC800V
Giải thích chi tiết về linh kiện  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V bảng dữ liệu(HTML) 54 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 50Page - National Semiconductor (TI) NSC800V Datasheet HTML 51Page - National Semiconductor (TI) NSC800V Datasheet HTML 52Page - National Semiconductor (TI) NSC800V Datasheet HTML 53Page - National Semiconductor (TI) NSC800V Datasheet HTML 54Page - National Semiconductor (TI) NSC800V Datasheet HTML 55Page - National Semiconductor (TI) NSC800V Datasheet HTML 56Page - National Semiconductor (TI) NSC800V Datasheet HTML 57Page - National Semiconductor (TI) NSC800V Datasheet HTML 58Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
1212 InputOutput (Continued)
INDR
Data is input from the IO device at address (C) to memory
location (HL) then the HL memory pointer is byte counter B
are decremented The cycle is repeated until B e 0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(HL)
w (C)
S Undefined
HL
w HL b 1
Z Set
B
w B b 1
H Undefined
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10110010
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that after each data transfer cycle interrupts may be
recognized and two refresh cycles are performed)
OTDR
Data is output from memory location (HL) to the IO device
at port address (C) then the HL memory pointer and byte
counter B are decremented The cycle is repeated until B e
0
(Note that B is tested for zero after it is decremented By
loading B initially with zero 256 data transfers will take
place)
(C)
w (HL)
S Undefined
HL
w HL b 1
Z Set
B
w B b 1
H Undefined
Repeat until B e 0
PV Undefined
N Set
C NA
76543210
11101101
10111011
Timing
For B i 0
M cycles
5
T states
21 (4 5 3 4 5)
For B e 0
M cycles
4
T states
16 (4 5 3 4)
Addressing Mode
ImpliedSource
Register In-
direct
Destination
Register Indirect
(Note that after each data transfer cycle the NSC800 will
accept interrupts and perform two refresh cycles)
1213 CPU Control
NOP
The CPU performs no operation
No flags affected
76543210
00000000
Timing
M cycles
1
T states
4
Addressing Mode
NA
HALT
The CPU halts execution of the program Dummy op-code
fetches are performed from the next memory location to
keep the refresh circuits active until the CPU is interrupted
or reset from the halted state
No flags affected
76543210
01110110
Timing
M cycles
1
T states
4
Addressing Mode
NA
DI
Disable system level interrupts
IFF1
w 0
No flags affected
IFF2
w 0
76543210
11110011
Timing
M cycles
1
T states
4
Addressing Mode
NA
EI
The system level interrupts are enabled During execution of
this instruction and the next one the maskable interrupts
will be disabled
IFF1
w 1
No flags affected
IFF2
w 1
76543210
11111011
Timing
M cycles
1
T states
4
Addressing Mode
NA
IM
0
The CPU is placed in interrupt mode 0
No flags affected
76543210
11101101
01000110
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
NA
54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com