công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NSC800V bảng dữ liệu(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
tên linh kiện NSC800V
Giải thích chi tiết về linh kiện  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NSC [National Semiconductor (TI)]
Trang chủ  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800V bảng dữ liệu(HTML) 27 Page - National Semiconductor (TI)

Back Button NSC800V Datasheet HTML 23Page - National Semiconductor (TI) NSC800V Datasheet HTML 24Page - National Semiconductor (TI) NSC800V Datasheet HTML 25Page - National Semiconductor (TI) NSC800V Datasheet HTML 26Page - National Semiconductor (TI) NSC800V Datasheet HTML 27Page - National Semiconductor (TI) NSC800V Datasheet HTML 28Page - National Semiconductor (TI) NSC800V Datasheet HTML 29Page - National Semiconductor (TI) NSC800V Datasheet HTML 30Page - National Semiconductor (TI) NSC800V Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
110 Addressing Modes (Continued)
119 MODIFIED PAGE ZERO
A subset of NSC800 instructions (the Restart instructions)
provides a code-efficient single-byte instruction that allows
CALLs to be performed to any one of eight dedicated loca-
tions in page zero (locations X’0000 to X’00FF) Normally a
CALL is a 3-byte instruction employing direct memory ad-
dressing
Example
Instruction Perform a restart call to location X’0028
Mnemonic RST
X’28
Opcode
TLC5171 – 55
p
00H
08H
10H
18H
20H
28H
30H
38H
t
000
001
010
011
100
101
110
111
Program execution continues at location X’0028 after exe-
cution of a single-byte call employing modified page zero
addressing
1110 BIT
The NSC800 allows setting resetting and testing of individ-
ual bits in registers and memory data bytes
Example
Operation Set bit 2 in the L register
Mnemonic SET
2L
Opcode
TLC5171 – 56
Bit addressing allows the selection of bit 2 in the L register
selected by register addressing
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com