| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8T141 bảng dữ liệu(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T141 bảng dữ liệu(HTML) 40 Page - STMicroelectronics |
|
40 / 50 page ![]() Package characteristics STM8T141 40/50 Doc ID 15699 Rev 7 10.1.2 UFDFPN8 package mechanical data Figure 25. UFDFPN8-lead ultra thin fine pitch dual flat package (MLP) package outline Table 24. 8-lead ultra thin fine pitch dual flat - package mechanical data Symbol millimeters inches (1) 1. Values in inches are rounded to 4 decimal digits Min Typ Max Min Typ Max A 0.450 0.550 0.600 0.0177 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 b 0.200 0.250 0.300 0.0079 0.0098 0.0118 D 1.900 2.000 2.100 0.0748 0.0787 0.0827 D2 1.500 1.600 1.700 0.0591 0.0630 0.0669 E 2.900 3.000 3.100 0.1142 0.1181 0.1220 E2 0.100 0.200 0.300 0.0039 0.0079 0.0118 e - 0.500 - - 0.0197 - L 0.400 0.450 0.500 0.0157 0.0177 0.0197 L1 - - 0.150 - - 0.0059 L3 0.300 - - 0.0118 - - Tolerance millimeters inches ddd (2) 2. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from measuring. - 0.080 - - 0.0031 - D E UFDFPN-01 A A1 ddd L1 e b D2 L E2 L3 |