| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8T141 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T141 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 50 page ![]() STM8T141 Typical application diagram Doc ID 15699 Rev 7 17/50 6 Typical application diagram Figure 10. Typical application shematic 1. If the active shield is not used, The SHLDIN pin must be grounded, SHLDOUT should be left unconnected, and RSHIELD can be removed. 2. Use COG or NPO or higher grade capacitor. The smaller the value of the RSHIELD resistor, the better its effect but, the greater the device consumption. Pin TOUT/POUT can directly drive a HV FET (as shown in Figure 11) that, in turn, can drive any load. Figure 11. Possible load configurations A touch or proximity detection is defined as an actuation (high = logical '1' and low = logical '0'). GND A LED LED as Load B C 3 D 1G 2 S R Relay on Load terminals to Switch any High Voltage Load Low Voltage DC Light Bulb as Load K1 TOUT/POUT Load voltage Load POS Load NEG Load POS Load NEG Load NEG Load POS Load POS Load NEG ai15523 |