| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8T141 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8T141 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 50 page ![]() STM8T141 STM8T processing Doc ID 15699 Rev 7 13/50 5.3 Environment compensation filter (ECF) 5.3.1 ECF principle The capacitive sensing channel reference value increases or decreases according to environmental conditions such as temperature, power supply, moisture, and surrounding conductive objects. The STM8T141 includes a built-in digital infinite impulse response (IIR) filter capable of tracking slow changes in the environment called the Environment Compensation Filter (ECF). This is a first order digital low pass filter with a gain of one. The filter makes the reference follow slow changes of the signal while fast changes are recognized as a touch or proximity. When a touch or proximity condition is detected, the corresponding capacitive sensing channel reference is frozen. Figure 7. Environmental compensation filter (ECF) example 1 Table 3. Explanation of ECF example 1 Zone 1 Zone 2 Zone 3 Zone 4 Event description The object (finger) is outside the electrode field range. Electrode environment is stable The object, is inside the electrode field range. It induces a signal change but, not large enough to cross the detection threshold (Dth). The reference adapts slowly to the object proximity. The object comes inside the detection range before the reference compensates for its presence. A touch or proximity event is triggered because the signal level falls below the reference - DTh. The object exits from the electrode’s detection range. Detection state No detection Detection No detection ECF operation Active Halt Active Reference Adapting Frozen Adapting |