công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST95HF bảng dữ liệu(PDF) 5 Page - STMicroelectronics

tên linh kiện ST95HF
Giải thích chi tiết về linh kiện  Dedicated internal frame controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST95HF bảng dữ liệu(HTML) 5 Page - STMicroelectronics

  ST95HF Datasheet HTML 1Page - STMicroelectronics ST95HF Datasheet HTML 2Page - STMicroelectronics ST95HF Datasheet HTML 3Page - STMicroelectronics ST95HF Datasheet HTML 4Page - STMicroelectronics ST95HF Datasheet HTML 5Page - STMicroelectronics ST95HF Datasheet HTML 6Page - STMicroelectronics ST95HF Datasheet HTML 7Page - STMicroelectronics ST95HF Datasheet HTML 8Page - STMicroelectronics ST95HF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 93 page
background image
DocID025630 Rev 4
5/93
ST95HF
List of tables
6
List of tables
Table 1.
List of terms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 2.
ST95HF pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 3.
ST95HF operating modes and states . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 4.
Select serial communication interface selection table . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 5.
Interpretation of flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 6.
Possible error codes and their meaning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 7.
Format of ResultCode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 8.
Examples of ResultCode: Len pairs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 9.
List of ST95HF commands . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 10.
IDN command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 11.
ProtocolSelect command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Table 12.
List of <Parameters> values for the ProtocolSelect command
for different protocols (Reader). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 13.
List of <Parameters> values for different protocols (Card Emulation) . . . . . . . . . . . . . . . 25
Table 14.
Pollfield command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 15.
Response for <Pollfield> command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 16.
SendRecv command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Table 17.
List of <Data> Send values for the SendRecv command for different protocols . . . . . . . . 28
Table 18.
List of <Data> Response values for the SendRecv command for different protocols . . . . 30
Table 19.
Structure of Parity byte . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 20.
Listen command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 21.
Response codes from the ST95HF in Listening mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Table 22.
Data format sent to the Host in Listening mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 23.
Send command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Table 24.
Format of data to be sent using Send command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Table 25.
Idle command description. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 26.
Idle command structure . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 27.
Summary of Idle command parameters . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 28.
RdReg command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 29.
WrReg command description (Modulation Index and Receiver Gain) . . . . . . . . . . . . . . . . 44
Table 30.
WrReg command description (Load Modulation Index and Demodulator Sensitivity) . . . . 44
Table 31.
Possible Modulation Index values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 32.
Possible Receiver Gain values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Table 33.
Possible Load Modulation Index values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 34.
Possible Demodulator Sensitivity values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Table 35.
ARC_B default code for available Reader protocols . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Table 36.
ACC_A default code for available Card Emulation protocols . . . . . . . . . . . . . . . . . . . . . . . 47
Table 37.
WrReg command description (Timer Window) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 38.
WrReg command description (AutoDetect Filter) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Table 39.
SubFreqRes command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 40.
AC filter command description (Command <Len> > 0x02). . . . . . . . . . . . . . . . . . . . . . . . . 49
Table 41.
ST95HF state when behaving as ISO/IEC 14443-A tag . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 42.
Commands to which the device is able to respond . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Table 43.
Echo command description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
Table 44.
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
Table 45.
DC characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
Table 46.
Power consumption characteristics (VPS_Main from 2.7 to 3.3 V) . . . . . . . . . . . . . . . . . . 53
Table 47.
Power consumption characteristics (VPS_TX from 2.7 to 3.3 V) . . . . . . . . . . . . . . . . . . . . 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93