| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST95HF bảng dữ liệu(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST95HF bảng dữ liệu(HTML) 10 Page - STMicroelectronics |
|
10 / 93 page ![]() Pin and signal descriptions ST95HF 10/93 DocID025630 Rev 4 2 Pin and signal descriptions Figure 3. ST95HF pinout description Table 2. ST95HF pin descriptions Pin Pin name Type(1) Main function Alternate function 1 TX1 O Driver output 1 - 2 TX2 O Driver output 2 - 3 NC - Not connected - 4 NC - Not connected - 5 RX1 I Receiver input 1 - 6 RX2 I Receiver input 2 - 7 NC - Not connected - 8 GND_RX P Ground (analog) - 9 ST_R0 O ST Reserved(2) - 10 NC - Not connected - 11 NC - Not connected - 12 IRQ_IN I (3) Interrupt input - 13 VPS P Main power supply - 1 17 25 9 NC NC GND ST_R1 SSI_1 TX1 TX2 NC NC RX1 Shaded area represents the dissipation pad. (Must be connected to ground.) RX2 NC GND_RX SSI_0 SPI_SCK SPI_MOSI |