| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLX90367 bảng dữ liệu(PDF) 20 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90367 bảng dữ liệu(HTML) 20 Page - Melexis Microelectronic Systems |
|
20 / 36 page ![]() MLX90367 Triaxis ® ® ® ® Position Sensor IC feat. SENT MLX90367 Page 20 of 36 Datasheet Rev 5.2 Dec. 15, 15 14.4. Start-up During the chip initialization, the output remains high until the circuit emits four initialization frames (all 6 data nibble zero). The fifth frame is not an initialization frame but a valid frame containing a measured angle. See also section 9 “Timing specifications”. The first four frames conform to the SENT specification and include a valid CRC. 14.5. Field sensing (A2D conversions) and the frame Synchro pulse By default setting of the Timer period and Filter =1, the digital angle (fast channel payload) results of the average of two angles. These angles are themselves computed from 4 ADCs values. The time between the ADCs and the frame synchro pulse is constant. As a result, the phase delay between the magnetic field angle and the SENT synchro pulse is constant, allowing filtering at the ECU side. See also section 9 “Timing specifications”. |