| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MLX90367 bảng dữ liệu(PDF) 4 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90367 bảng dữ liệu(HTML) 4 Page - Melexis Microelectronic Systems |
|
4 / 36 page ![]() MLX90367 Triaxis ® ® ® ® Position Sensor IC feat. SENT MLX90367 Page 4 of 36 Datasheet Rev 5.2 Dec. 15, 15 15.4. FILTER ......................................................................................................................................................26 15.5. DIAGNOSTIC FEATURES ............................................................................................................................26 15.6. EEPROM ENDURANCE .............................................................................................................................26 16. MLX90367 SELF DIAGNOSTIC.......................................................................................................... 27 17. RECOMMENDED APPLICATION DIAGRAMS .................................................................................. 29 17.1. WIRING WITH THE MLX90367 IN SOIC-8 PACKAGE ................................................................................29 17.2. WIRING WITH THE MLX90367 IN TSSOP-16 PACKAGE ...........................................................................29 18. STANDARD INFORMATION REGARDING MANUFACTURABILITY OF MELEXIS PRODUCTS WITH DIFFERENT SOLDERING PROCESSES ........................................................................................ 30 19. ESD PRECAUTIONS........................................................................................................................... 30 20. PACKAGE INFORMATION................................................................................................................. 31 20.1. SOIC8 - PACKAGE DIMENSIONS ...............................................................................................................31 20.2. SOIC8 - PINOUT AND MARKING ...............................................................................................................31 20.3. SOIC8 - SENSITIVE SPOT POSITIONING .....................................................................................................32 20.4. TSSOP16 - PACKAGE DIMENSIONS ..........................................................................................................33 20.5. TSSOP16 - PINOUT AND MARKING ..........................................................................................................34 20.6. TSSOP16 - SENSITIVE SPOT POSITIONING ................................................................................................34 21. DISCLAIMER ....................................................................................................................................... 36 |