công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90367 bảng dữ liệu(PDF) 12 Page - Melexis Microelectronic Systems

tên linh kiện MLX90367
Giải thích chi tiết về linh kiện  Triaxis횘 Position Sensor IC feat. SENT
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90367 bảng dữ liệu(HTML) 12 Page - Melexis Microelectronic Systems

Back Button MLX90367 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 12Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 13Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 14Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 15Page - Melexis Microelectronic Systems MLX90367 Datasheet HTML 16Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
MLX90367
Triaxis
®
®
®
® Position Sensor IC feat. SENT
MLX90367
Page 12 of 36
Datasheet
Rev 5.2
Dec. 15, 15
10.
MLX90367 Accuracy Specification
DC Operating Parameters at Nominal Supply Voltage (unless otherwise specified) and for TA as specified
by the Temperature suffix (E or K or L).
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
ADC Resolution on the raw
signals sine and cosine(6)
RADC
15
bits
Thermal Offset Drift #1(7)
at the DSP input (excl. DAC and
output stage)
Temperature suffix E
Temperature suffix K
Temperature suffix L
-60
-60
-90
+60
+60
+90
LSB15
Thermal Drift of Sensitivity
Mismatch(8)
XY axis – Temp. suffix E
XY axis – Temp.suffix K & L
XZ (YZ) axis – Temp. suffix E
XZ (YZ) axis – Temp. suffix K & L
- 0.3
- 0.5
-1
-1
+ 0.3
+ 0.5
+1
+1
%
Magnetic Angle phase error
TA = 25°C – XY axis
TA = 25°C – XZ axis
TA = 25°C – YZ axis
-0.3
-2
-2
0.3
2
2
Deg.
Thermal Drift of Magnetic Angle
phase error
XY axis, XZ (YZ) axis
0.01
Deg.
XY – Intrinsic Linearity Error(9)
Le
TA = 25°C – factory trim. “SMISM”
-1
1
Deg
XZ - Intrinsic Lin. Error(9)
Le
TA = 25°C – “k” trimmed for XZ
-2.5
±1.25
2.5
Deg
YZ - Intrinsic Lin. Error(9)
Le
TA = 25°C – “k” trimmed for YZ
-2.5
±1.25
2.5
Deg
Noise pk-pk(10)
FILTER = 0, 40mT
FILTER = 1 (recommended) , 30mT
FILTER = 2, 20mT
0.10
0.10
0.10
0.2
0.2
0.2
Deg
6 16 bits corresponds to 15 bits + sign. Internal computation is performed using 16 bits.
7
For instance, in case of a rotary position sensor application, Thermal Offset Drift #1 equal ± 60LSB15 yields to max. ± 0.3 Deg.
angular error for the computed angular information (output of the DSP). This is only valid if k = 1. See “MLX90360 Front-End
Application Note” for more details.
8 For instance, in case of a rotary position sensor application, Thermal Drift of Sensitivity Mismatch equal ± 0.5% yields to max. ±
0.15 Deg. angular error for the computed angular information (output of the DSP). See “MLX90365 Front-End Application Note”
for more details.
9 The Intrinsic Linearity Error refers to the IC itself (offset, sensitivity mismatch, orthogonality) taking into account an ideal rotating
field for BX and BY. Once associated to a practical magnetic construction and the associated mechanical and magnetic
tolerances, the output linearity error increases. However, it can be improved with the multi-point end-user calibration. The intrinsic
Linearity Error for Magnetic angle ∠XZ and ∠YZ can be reduced through the programming of the k factor.
10 Noise pk-pk (peak-to-peak) is here intended as 6 times the Noise standard Deviation. The application diagram used is
described in the recommended wiring. For detailed information, refer to section Filter in application mode (Section 15.4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com