công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THCV231 bảng dữ liệu(PDF) 56 Page - THine Electronics, Inc.

tên linh kiện THCV231
Giải thích chi tiết về linh kiện  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  THINE [THine Electronics, Inc.]
Trang chủ  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 bảng dữ liệu(HTML) 56 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 48Page - THine Electronics, Inc. THCV231 Datasheet HTML 49Page - THine Electronics, Inc. THCV231 Datasheet HTML 50Page - THine Electronics, Inc. THCV231 Datasheet HTML 51Page - THine Electronics, Inc. THCV231 Datasheet HTML 52Page - THine Electronics, Inc. THCV231 Datasheet HTML 53Page - THine Electronics, Inc. THCV231 Datasheet HTML 54Page - THine Electronics, Inc. THCV231 Datasheet HTML 55Page - THine Electronics, Inc. THCV231 Datasheet HTML 56Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 56 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
56/56
Security E
Notices and Requests
1. The product specifications described in this material are subject to change without prior notice.
2. The circuit diagrams described in this material are examples of the application which may not always apply
to the customer’s design. We are not responsible for possible errors and omissions in this material. Please
note if errors or omissions should be found in this material, we may not be able to correct them
immediately.
3. This material contains our copyright, know-how or other proprietary. Copying or disclosing to third parties
the contents of this material without our prior permission is prohibited.
4. Note that if infringement of any third party's industrial ownership should occur by using this product, we
will be exempted from the responsibility unless it directly relates to the production process or functions of
the product.
5. Product Application
5.1 Application of this product is intended for and limited to the following applications: audio-video device,
office automation device, communication device, consumer electronics, smartphone, feature phone, and
amusement machine device. This product must not be used for applications that require extremely
high-reliability/safety such as aerospace device, traffic device, transportation device, nuclear power
control device, combustion chamber device, medical device related to critical care, or any kind of safety
device.
5.2 This product is not intended to be used as an automotive part, unless the product is specified as a product
conforming to the demands and specifications of ISO/TS16949 ("the Specified Product") in this data
sheet. THine Electronics, Inc. (“THine”) accepts no liability whatsoever for any product other than the
Specified Product for it not conforming to the aforementioned demands and specifications.
5.3 THine accepts liability for demands and specifications of the Specified Product only to the extent that the
user and THine have been previously and explicitly agreed to each other.
6. Despite our utmost efforts to improve the quality and reliability of the product, faults will occur with a
certain small probability, which is inevitable to a semi-conductor product. Therefore, you are encouraged to
have sufficiently redundant or error preventive design applied to the use of the product so as not to have our
product cause any social or public damage.
7. Please note that this product is not designed to be radiation/proof.
8. Testing and other quality control techniques are used to this product to the extent THine deems necessary to
support warranty for performance of this product. Except where mandated by applicable law or deemed
necessary by THine based on the user’s request, testing of all functions and performance of the product is
not necessarily performed.
9. Customers are asked, if required, to judge by themselves if this product falls under the category of strategic
goods under the Foreign Exchange and Foreign Trade Control Law.
10. The product or peripheral parts may be damaged by a surge in voltage over the absolute maximum ratings
or malfunction, if pins of the product are shorted by such as foreign substance. The damages may cause a
smoking and ignition. Therefore, you are encouraged to implement safety measures by adding protection
devices, such as fuses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com