| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
WM9713 bảng dữ liệu(PDF) 15 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9713 bảng dữ liệu(HTML) 15 Page - Wolfson Microelectronics plc |
|
15 / 111 page ![]() Preliminary Technical Data WM9713L 1 PTD, March 2004, Rev 2.2 15 PCM CODEC The PCM voice codec functions typically required by mobile telephony devices are provided by an extra voice DAC on the WM9713L, which is interfaced via a standard PCM type data interface, which is constructed through optional use of 4 of the GPIO pins on WM9713L. The audio output data from one or both of the audio ADCs can also be output over this PCM interface, allowing a full voice codec function to be implemented. This codec supports sample rates from 8 to 48ks/s using the standard AC’97 masterclock, with the WM9713L PCM interface always acting as a master. |