| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MB95F613K bảng dữ liệu(PDF) 24 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB95F613K bảng dữ liệu(HTML) 24 Page - Cypress Semiconductor |
|
24 / 110 page ![]() Document Number: 002-04698 Rev. *A Page 24 of 110 PRELIMINARY MB95610H Series 11. CPU Core ■ Memory space The memory space of the MB95610H Series is 64 Kbyte in size, and consists of an I/O area, an extended I/O area, a data area, and a program area. The memory space includes areas intended for specific purposes such as general-purpose registers and a vector table. The memory maps of the MB95610H Series are shown below. ■ Memory maps MB95F614H/F614K MB95F613H/F613K I/O area Access prohibited RAM 512 bytes Registers Access prohibited Extended I/O area Access prohibited Flash memory 8 Kbyte Flash memory 4 Kbyte 0x0000 0x0080 0x0090 0x0100 0x0200 0x0290 0x0F80 0x1000 0x2000 0xE000 0xFFFF I/O area Access prohibited 0x0000 0x0080 0x0090 Registers 0x0100 0x0200 Flash memory 4 Kbyte 0x1000 0x2000 Flash memory 4 Kbyte Extended I/O area 0x0F80 0x1000 Access prohibited Access prohibited 0x8000 0x2000 Access prohibited 0xC000 RAM 1024 bytes Flash memory 16 Kbyte 0x0490 0xFFFF MB95F616H/F616K I/O area Access prohibited 0x0000 0x0080 0x0090 Registers 0x0100 0x0200 Extended I/O area 0x0F80 Access prohibited RAM 1024 bytes Flash memory 32 Kbyte 0x0490 0xFFFF |