công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3030 bảng dữ liệu(PDF) 18 Page - Microchip Technology

tên linh kiện MGC3030
Giải thích chi tiết về linh kiện  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 bảng dữ liệu(HTML) 18 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology MGC3030 Datasheet HTML 16Page - Microchip Technology MGC3030 Datasheet HTML 17Page - Microchip Technology MGC3030 Datasheet HTML 18Page - Microchip Technology MGC3030 Datasheet HTML 19Page - Microchip Technology MGC3030 Datasheet HTML 20Page - Microchip Technology MGC3030 Datasheet HTML 21Page - Microchip Technology MGC3030 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MGC3030/3130
DS40001667D-page 18
Advance Information
 2012-2015 Microchip Technology Inc.
4.1
Reset Block
The Reset block combines all Reset sources. It
controls the device system’s Reset signal (SYSRST).
The following is a list of device Reset sources:
•MCLR: Master Clear Reset pin
• SWR: Software Reset available through GestIC
Library Loader
• WDTR: Watchdog Timer Reset
A simplified block diagram of the Reset block is
illustrated in Figure 4-2.
FIGURE 4-2:
SYSTEM RESET BLOCK
DIAGRAM
4.2
Power Control and Clocks
4.2.1
POWER MANAGEMENT UNIT (PMU)
The device requires a 3.3V ±5% supply voltage at VDD.
According to Figure 4-3, the used power domains are
as follows:
• VDD Domain: This domain is powered by
VDD = 3.3V ±5% (typical VDD = 3.3V). VDD is the
external power supply for EIO, wake-up logic,
WDTR and internal regulators.
• VDDC Domain: This domain is powered by
VDDC = 1.8V. It is generated by an embedded low-
impedance and fast linear voltage regulator. The
voltage regulator is working under all conditions
(also during Deep Sleep mode) preserving the
MGC3X30 data context. VDDC is the internal
power supply voltage for digital blocks, Reset
block and RC oscillators. An external block
capacitor, CEFCD, is required on VCAPD pin.
• VDDA Domain: This domain is powered by
VDDA = 3.0V. It is generated by an embedded low-
impedance and fast linear voltage regulator.
During Deep Sleep mode, the analog voltage
regulator is switched off. VDDA is the internal
analog power supply voltage for the ADCs and
the signal conditioning. An external block
capacitor, CEFCA, is required on VCAPA pin.
• VDDM Domain: This domain is powered by
VDDM = 3.3V. VDDM is the internal power supply
voltage for the internal Flash memory. VDDM is
directly powered through VDD=3.3V.
FIGURE 4-3:
POWER SCHEME BLOCK
DIAGRAM
MCLR
Glitch Filter
Deep sleep
WDTR
Software Reset (SWR)
WDT Time-out
SYSRST
SPU
Digital
Peripherals
Reset Block
Internal Osc.
VDDC Domain
Analog voltage
regulator
Digital voltage
regulator
FLASH
Memory
Wakeup logic
WDTR
EIO
VDDM Domain
VSS2
VDD
VSS1
VCAPA
VSS3
ADC
Signal Conditioning Blocks
VDDA Domain
VCAPD
VDD Domain
VCAPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com