| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MGC3030 bảng dữ liệu(PDF) 48 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MGC3030 bảng dữ liệu(HTML) 48 Page - Microchip Technology |
|
48 / 50 page ![]() MGC3030/3130 DS40001667D-page 48 Advance Information 2012-2015 Microchip Technology Inc. PRODUCT IDENTIFICATION SYSTEM To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office . PART NO. X /XX XXX Pattern Package Temperature Range Device Device: MGC3030,MGC3130 Tape and Reel Option: Blank = Standard packaging (tube or tray) T = Tape and Reel(1) Temperature Range: I= -40 C to +85C (Industrial) Package:(2) MQ = QFN SS = SSOP Pattern: QTP, SQTP, Code or Special Requirements (blank otherwise) Examples: a) MGC3130 - I/MQ Industrial temperature, QFN package Note 1: Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering purposes and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. 2: For other small form-factor package availability and marking information, please visit www.microchip.com/packaging or contact your local sales office. [X](1) Tape and Reel Option - |