công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3030 bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện MGC3030
Giải thích chi tiết về linh kiện  Audio Products
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 7Page - Microchip Technology MGC3030 Datasheet HTML 8Page - Microchip Technology MGC3030 Datasheet HTML 9Page - Microchip Technology MGC3030 Datasheet HTML 10Page - Microchip Technology MGC3030 Datasheet HTML 11Page - Microchip Technology MGC3030 Datasheet HTML 12Page - Microchip Technology MGC3030 Datasheet HTML 13Page - Microchip Technology MGC3030 Datasheet HTML 14Page - Microchip Technology MGC3030 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
 2012-2015 Microchip Technology Inc.
Advance Information
DS40001667D-page 11
MGC3030/3130
2.
AirWheel
An AirWheel is the recognition of continuously-
performed circles inside the sensing area and provides
information about the rotational movement in real time.
It provides continuously counter information which
increments/decrements according to the movement’s
direction (clockwise/counterclockwise). The AirWheel
can be adjusted for convenient usage in various
applications
(e.g.,
volume
control,
sensitivity
adjustment or light dimming).
•Sensor Touch Gestures
FIGURE 1:
SENSOR TOUCH
GESTURES
A Sensor Touch is a multi-zone gesture that reports up
to five concurrently-performed touches on the system’s
electrodes.
The Sensor Touch provides information about touch
and tapping:
1.
Touch
The Sensor Touch indicates an event during which a
GestIC electrode is touched. This allows distinction
between short and long touches.
2.
Tap and Double Tap
The Tap and Double Tap signalize short taps and
double taps on each system electrode. The tap length
and double tap interval are adjustable.
- Single Tap Delay: A single tap is detected
when touching the surface of an electrode
first and after the hand is pulled out of the
touch area. The Single Tap is only detected
when the timing between the touch and the
release of the touch event is smaller than the
adjusted delay. Increasing the time allows the
user more time to perform the tap. The range
for the adjusted delay can be between 0s and
1s.
- Double Tap Delay: The double tap is detected
when two taps are performed within the
adjusted delay. The range for the adjusted
delay can be between 0s and 1s. The smaller
the selected delay is, the faster the two taps
have to be executed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com