công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST38VF6401 bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện SST38VF6401
Giải thích chi tiết về linh kiện  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6401 bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button SST38VF6401 Datasheet HTML 4Page - Microchip Technology SST38VF6401 Datasheet HTML 5Page - Microchip Technology SST38VF6401 Datasheet HTML 6Page - Microchip Technology SST38VF6401 Datasheet HTML 7Page - Microchip Technology SST38VF6401 Datasheet HTML 8Page - Microchip Technology SST38VF6401 Datasheet HTML 9Page - Microchip Technology SST38VF6401 Datasheet HTML 10Page - Microchip Technology SST38VF6401 Datasheet HTML 11Page - Microchip Technology SST38VF6401 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
©2015
DS-20005015B
08/15
8
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Not Recommended for New Designs
B125
S1000-S1007
1111101XXX
YES
YES
NO
B126
S1008-S1015
1111110XXX
YES
YES
NO
Block1,2
Sectors3
Address A21-A124
VPB5
NVPB5
WP#7
B1275, 7
S1016
1111111000
YES
YES
NO
S1017
1111111001
YES
YES
NO
S1018
1111111010
YES
YES
NO
S1019
1111111011
YES
YES
NO
S1020
1111111100
YES
YES
NO
S1021
1111111101
YES
YES
NO
S1022
1111111110
YES
YES
YES
S1023
1111111111
YES
YES
YES
T3.0 20005015
1. Each block, B0-B127 is 32KWord.
2. Each block consists of eight sectors.
3. Each sector, S0-S1023 is 4KWord.
4. X = 0 or 1. Block Address (BA) = A21 - A15; Sector Address (SA) = A21 - A12
5. Each block has an associated VPB and NVPB, except for some blocks in SST39VF6403 and SST39VF6404.
In SST39VF6403, Block B0 does not have a single VPB or NVPB for all 32 KWords. Instead, each sector (4 KWord) in
Block B0 has its own VPB and NVPB.
In SST39VF6404, Block B127 does not have a single VPB or NVPB for all 32 KWords. Instead, each sector (4 KWord)
in Block B127 has its own VPB and NVPB.
6. The 8KWord boot block consists of S0 and S1 in Block B0.
7. The 8KWord boot block consists of S1022 and S1023 in Block B127.
Table 3: SST38VF6403and SST38VF6404 Memory Maps (Continued) (2 of 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64