| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SST38VF6401 bảng dữ liệu(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6401 bảng dữ liệu(HTML) 6 Page - Microchip Technology |
|
6 / 64 page ![]() ©2015 DS-20005015B 08/15 6 64 Mbit (x16) Advanced Multi-Purpose Flash Plus SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404 Not Recommended for New Designs Memory Maps Table 2: SST38VF6401and SST38VF6402 Memory Maps SST38VF6401 Block1,2 1. Each block, B0-B127 is 32KWord. 2. Each block consists of eight sectors. Sectors3 3. Each sector, S0-S1023 is 4KWord. Address A21-A124 4. X = 0 or 1. Block Address (BA) = A21 - A15; Sector Address (SA) = A21 - A12 VPB5 5. Each block has an associated VPB and NVPB. NVPB5 WP#6 6. Block B0 is the boot block. B06 S0-S7 0000000XXX YES YES YES B1 S8-S15 0000001XXX YES YES NO B2 S16-S23 0000010XXX YES YES NO B3 S24-S31 0000011XXX YES YES NO B4 S32-S39 0000100XXX YES YES NO B5 S40-S47 0000101XXX YES YES NO B6 S48-S55 0000110XXX YES YES NO B7 S56-S63 0000111XXX YES YES NO B8 - B119 follow the same pattern B120 S960-S967 1111000XXX YES YES NO B121 S968-S975 1111001XXX YES YES NO B122 S976-S983 1111010XXX YES YES NO B123 S984-S991 1111011XXX YES YES NO B124 S992-S999 1111100XXX YES YES NO B125 S1000-S1007 1111101XXX YES YES NO B126 S1008-S1015 1111110XXX YES YES NO B127 S1016-S1023 1111111XXX YES YES NO SST38VF6402 Block1,2 Sectors3 Address A21-A124 VPB5 NVPB5 WP#7 7. Block B127 is the boot block. B0 S0-S7 0000000XXX YES YES NO B1 S8-S15 0000001XXX YES YES NO B2 S16-S23 0000010XXX YES YES NO B3 S24-S31 0000011XXX YES YES NO B4 S32-S39 0000100XXX YES YES NO B5 S40-S47 0000101XXX YES YES NO B6 S48-S55 0000110XXX YES YES NO B7 S56-S63 0000111XXX YES YES NO B8 - B119 follow the same pattern B120 S960-S967 1111000XXX YES YES NO B121 S968-S975 1111001XXX YES YES NO B122 S976-S983 1111010XXX YES YES NO B123 S984-S991 1111011XXX YES YES NO B124 S992-S999 1111100XXX YES YES NO B125 S1000-S1007 1111101XXX YES YES NO B126 S1008-S1015 1111110XXX YES YES NO B1277 S1016-S1023 1111111XXX YES YES YES T2.0 20005015 |