công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90616 bảng dữ liệu(PDF) 21 Page - Melexis Microelectronic Systems

tên linh kiện MLX90616
Giải thích chi tiết về linh kiện  Infra Red Thermometer in TO-39 for high temperature thermometer guns
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90616 bảng dữ liệu(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX90616 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
MLX90616ESF-HCA
Infra Red Thermometer in TO-39
for high temperature thermometer guns
3901090616
Page 21 of 36
Data Sheet
Rev 002
August 20, 2012
8.5.1 Single PWM format
In single PWM output mode only the settings for PWM1 data are used. The temperature reading can be
calculated from the signal timing as:
MIN
O
MIN
O
MAX
O
OUT
T
T
T
T
t
T
_
_
_
2
2
where Tmin and Tmax are the corresponding rescale coefficients in EEPROM for the selected temperature
output (Ta, object temperature range is valid for Tobj as specified in the previous table) and T is the PWM
period. Tout is Tobjor Ta according to Config Register [5:4] settings.
The different time intervals t1…t4 have the following meaning:
t1: Start buffer. During this time the signal is always high. t1 = 0.125*T (T is the PWM period, refer to fig. 13).
t2: Valid Data Output Band, 0…1/2T. PWM output data resolution is 10 bit.
t3: Error band – information for fatal error in EEPROM (double error detected, not correctable). t3 = 0.25 * T.
Therefore a PWM pulse train with a duty cycle of 0.875 will indicate a fatal error in EEPROM (for single PWM
format). FE means Fatal Error.
Example:
Figure 13: PWM example single mode
To_min = 0°C
=>
Tomin [EEPROM] = 100 * (tomin + 273.15) = 0x6AB3
To_max = +50°C =>
Tomax [EEPROM] = 100 * (tomax + 273.15) = 0x7E3B
Captured PWM period is T = 1004
μs
Captured high duration is t = 392
μs
Calculated duty cycle is:
3904
.
0
1004
392 
T
t
D
or
%
04
.
39
The temperature is calculated as follows:
 
C
T
O
54
.
26
50
*
2554
.
0
*
2
0
0
50
*
125
.
0
3904
.
0
*
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com