công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90616 bảng dữ liệu(PDF) 8 Page - Melexis Microelectronic Systems

tên linh kiện MLX90616
Giải thích chi tiết về linh kiện  Infra Red Thermometer in TO-39 for high temperature thermometer guns
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90616 bảng dữ liệu(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX90616 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
MLX90616ESF-HCA
Infra Red Thermometer in TO-39
for high temperature thermometer guns
3901090616
Page 8 of 36
Data Sheet
Rev 002
August 20, 2012
8 Detailed description
8.1 Block diagram
Figure 3: block diagram
8.2 Signal processing principle
The operation of the MLX90616 is controlled by an internal state machine, which controls the measurements
and calculations of the object and ambient temperatures and does the post-processing of the temperatures to
output them through the PWM output or the SMBus compatible interface.
The output of the IR sensors is amplified by a low noise low offset chopper amplifier with programmable gain,
converted by a Sigma Delta modulator to a single bit stream and fed to a powerful DSP for further
processing. The signal is treated by programmable (by means of EEPROM content) FIR and IIR low pass
filters for further reduction of the bandwidth of the input signal to achieve the desired noise performance and
refresh rate. The output of the IIR filter is the measurement result and is available in the internal RAM. 3
different cells are available: One for the on-board temperature sensor (on chip PTAT or PTC) and 2 for the IR
sensors.
Based on results of the above measurements, the corresponding ambient temperature Ta and object
temperature To are calculated. Both calculated temperatures have a resolution of 0.02
˚C. The data for Ta
and To can be read in two ways: Reading RAM cells dedicated for this purpose via the 2-wire interface
(0.02°C resolution, fixed ranges), or through the PWM digital output (10 bit resolution, configurable range).
In the last step of the measurement cycle, the measured Ta and To are rescaled to the desired output
resolution of the PWM) and the recalculated data is loaded in the registers of the PWM state machine, which
creates a constant frequency with a duty cycle representing the measured data.
8.3 Block description
8.3.1 Amplifier
A low noise, low offset amplifier with programmable gain is used for amplifying the IR sensor voltage. By
carefully designing the input modulator and balanced input impedance, an offset below 0.5µV is achieved.
81101
OPA
ADC
DSP
PWM
STATE MACHINE
Voltage
Regulator
90302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com