công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX90616 bảng dữ liệu(PDF) 7 Page - Melexis Microelectronic Systems

tên linh kiện MLX90616
Giải thích chi tiết về linh kiện  Infra Red Thermometer in TO-39 for high temperature thermometer guns
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90616 bảng dữ liệu(HTML) 7 Page - Melexis Microelectronic Systems

Back Button MLX90616 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX90616 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
MLX90616ESF-HCA
Infra Red Thermometer in TO-39
for high temperature thermometer guns
3901090616
Page 7 of 36
Data Sheet
Rev 002
August 20, 2012
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
SMBus compatible 2-wire interface
2
Input high voltage
VIH(Ta,V)
Over temperature and supply
VDD-0.1
V
Input low voltage
VIL(Ta,V)
Over temperature and supply
0.6
V
Output low voltage
VOL
SDA pin in open drain mode,
over temperature and supply,
Isink = 2mA
0.25
V
SCL leakage
ISCL,leak
VSCL=3V, Ta=+85°C
20
uA
SDA leakage
ISDA,leak
VSDA=3V, Ta=+85°C
0.25
uA
SCL capacitance
CSCL
10
pF
SDA capacitance
CSDA
10
pF
Slave address
SA
Factory default
5A
hex
Wake up request
twake
SDA low
33
ms
SMBus Request
tREQ
SCL low
1.44
ms
Timeout,low
Timeout,L
SCL low
27
33
ms
Timeout, high
Timeout,H
SCL high
45
55
us
Acknowledge setup
time
Tsuac(MD
)
8-th SCL falling edge, Master
0.5
1.5
us
Acknowledge hold
time
Thdac(MD
)
9-th SCL falling edge, Master
1.5
2.5
us
Acknowledge setup
time
Tsuac(SD)
8-th SCL falling edge, Slave
2.5
us
Acknowledge hold
time
Thdac(SD
)
9-th SCL falling edge, Slave
1.5
us
EEPROM
Data retention
Ta = +85°C
10
years
Erase/write cycles
Ta = +25°C
100,000
Times
Erase/write cycles
Ta = +125°C
10,000
Times
Erase cell time
Terase
5
ms
Write cell time
Twrite
5
ms
Table 3: Electrical specification MLX90616BXX
Notes:
All the communication and refresh rate timings are given for the nominal calibrated HFO frequency and will vary
with this frequency’s variations.
1. All PWM timing specifications are given for single PWM output. With large capacitive loads, a lower PWM frequency is
recommended. Thermal relay output (when configured) has the PWM DC specification and can be programmed as push-
pull, or NMOS open drain. PWM is free-running; power-up factory default is SMBus.
2. For SMBus compatible interface on 12V application refer to Application information section. SMBus compatible
interface is described in details in the SMBus detailed description section. The maximum number of MLX90616xxx
devices on one bus is 127, higher pull-up currents are recommended for higher number of devices, faster bus data
transfer rates, and increased reactive loading of the bus.
The MLX90616 is always a slave device on the bus. The MLX90616 can work in both low-power and high-power SMBus
communication.
All voltages are referred to the Vss (ground) unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com