công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LAN8740Ai-EN bảng dữ liệu(PDF) 110 Page - Microchip Technology

tên linh kiện LAN8740Ai-EN
Giải thích chi tiết về linh kiện  Small Footprint MII/RMII 10/100 Energy Efficient Ethernet Transceiver with HP Auto-MDIX and flexPWR짰 Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8740Ai-EN bảng dữ liệu(HTML) 110 Page - Microchip Technology

Back Button LAN8740Ai-EN Datasheet HTML 106Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 107Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 108Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 109Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 110Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 111Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 112Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 113Page - Microchip Technology LAN8740Ai-EN Datasheet HTML 114Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 136 page
background image
LAN8740A/LAN8740Ai
DS00001987A-page 110
2013-2015 Microchip Technology Inc.
4.3.25
TDR SHORT/OPEN THRESHOLD REGISTER
Note 1: Software reset places the default values of this register into an indeterminate state. For proper operation of
the TDR, the TDR Short Low Threshold and TDR Open High Threshold must be set to 5’h09 and 5’h12,
respectively.
Index (In Decimal):
30.12
Size:
16 bits
Bits
Description
Type
Default
15:10
RESERVED
RO
-
9:5
TDR Short Low Threshold
Sets the lower threshold to detect short cable.
R/W
5’h09
(see Note 1)
4:0
TDR Open High Threshold
Sets the upper threshold to detect open cable.
R/W
5’h12
(see Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More