| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8740Ai-EN bảng dữ liệu(PDF) 49 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8740Ai-EN bảng dữ liệu(HTML) 49 Page - Microchip Technology |
|
49 / 136 page ![]() 2013-2015 Microchip Technology Inc. DS00001987A-page 49 LAN8740A/LAN8740Ai The typical cable length measurement margin of error for Open and Shorted cases is dependent on the selected cable type and the distance of the open/short from the device. Table 3-10 and Table 3-11 detail the typical measurement error for Open and Shorted cases, respectively. TABLE 3-10: TYPICAL MEASUREMENT ERROR FOR OPEN CABLE (+/- METERS) Physical Distance to Fault Selected Propagation Constant POPEN = Unknown POPEN = CAT 6 POPEN = CAT 5E POPEN = CAT 5 CAT 6 Cable, 0-100 m 96 CAT 5E Cable, 0-100 m 5 5 CAT 5 Cable, 0-100 m 13 3 CAT 6 Cable, 101-160 m 14 6 CAT 5E Cable, 101-160 m 8 6 CAT 5 Cable, 101-160 m 20 6 TABLE 3-11: TYPICAL MEASUREMENT ERROR FOR SHORTED CABLE (+/- METERS) Physical Distance to Fault Selected Propagation Constant PSHORT = Unknown PSHORT = CAT 6 PSHORT = CAT 5E PSHORT = CAT 5 CAT 6 Cable, 0-100 m 85 CAT 5E Cable, 0-100 m 5 5 CAT 5 Cable, 0-100 m 11 2 CAT 6 Cable, 101-160 m 14 6 CAT 5E Cable, 101-160 m 7 6 CAT 5 Cable, 101-160 m 11 3 |