| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8740Ai-EN bảng dữ liệu(PDF) 77 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8740Ai-EN bảng dữ liệu(HTML) 77 Page - Microchip Technology |
|
77 / 136 page ![]() 2013-2015 Microchip Technology Inc. DS00001987A-page 77 LAN8740A/LAN8740Ai 4.2.18 SPECIAL CONTROL/STATUS INDICATIONS REGISTER Index (In Decimal): 27 Size: 16 bits Bits Description Type Default 15 AMDIXCTRL HP Auto-MDIX control: 0 = Enable Auto-MDIX 1 = Disable Auto-MDIX (use 27.13 to control channel) R/W NASR 0b 14 RESERVED RO - 13 CH_SELECT Manual channel select: 0 = MDI (TX transmits, RX receives) 1 = MDIX (TX receives, RX transmits) R/W NASR 0b 12 RESERVED RO - 11 SQEOFF Disable the SQE test (Heartbeat): 0 = SQE test is enabled 1 = SQE test is disabled R/W NASR 0b 10:5 RESERVED RO - 4 XPOL Polarity state of the 10BASE-T: 0 = Normal polarity 1 = Reversed polarity RO 0b 3:0 RESERVED RO - |