công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 13 Page - Integrated Device Technology

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4U bảng dữ liệu(HTML) 13 Page - Integrated Device Technology

Back Button ASI4U Datasheet HTML 9Page - Integrated Device Technology ASI4U Datasheet HTML 10Page - Integrated Device Technology ASI4U Datasheet HTML 11Page - Integrated Device Technology ASI4U Datasheet HTML 12Page - Integrated Device Technology ASI4U Datasheet HTML 13Page - Integrated Device Technology ASI4U Datasheet HTML 14Page - Integrated Device Technology ASI4U Datasheet HTML 15Page - Integrated Device Technology ASI4U Datasheet HTML 16Page - Integrated Device Technology ASI4U Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
ASI4U / ASI4U-E / ASI4U-F Datasheet
© 2016 Integrated Device Technology, Inc.
13
January 26, 2016
After power-on reset, the IC is set to 16.000 MHz operation by default. After approximately
200µs, it will either switch to 8.000 MHz operation or remain in the 16.000 MHz mode. The
frequency detection is active until the first AS-i telegram has been successfully received in order
to ensure that the IC has found the correct clock frequency setting. The detection result is locked
thereafter to increase resistance against burst or other interferences.
The oscillator unit also contains a clock watchdog circuit that can generate an unconditional IC
reset if there has been no clock oscillation for more than approximately 20µs. This is to prevent
the IC from unpredictable behavior if a clock signal is no longer available.
THERMAL/OVERLOAD PROTECTION The IC is self-protected against overheating and short-circuiting of
the UOUT pin toward IC ground.
If the silicon die temperature rises above approximately 140°C for more than 2 seconds, the IC
detects overheating, switches off the electronic inductor, performs an IC reset, and sets all analog
blocks to power down mode. Although the 5V regulator is turned off in this state, there will still
remain a voltage of approximately 3V to 3.5V available at U5R that is derived from the internal
start circuitry. The overheating protection state can only be de-activated by power-cycling the
AS-i voltage.
Short-circuiting the UOUT pin toward IC ground causes the same IC behavior as overheating.
IRD CMOS / AC CURRENT INPUT The IRD pin is the input for the additional addressing channel in Slave
Mode (see section 3.2 for a description of general IC operational modes) or the direct AS-i
transmitter input in Master Mode. In Slave Mode, the IRD pin can be operated either in CMOS
Mode or AC Current Input Mode. The latter is provided for direct connection of a photodiode.
More detailed information can be found in section 4.3.
FID DIGITAL / ANALOG STAGE The FID pin can be set to the Digital CMOS Mode or Analog Voltage Input
Mode. In Slave Mode, it is set to CMOS operation; in Master Mode, it works in Analog Mode and
functions as the input for the power fail comparator.
INPUT STAGE All digital inputs, except the oscillator pins, have high voltage capabilities and partial Schmitt
trigger and pull-up features. For more details, see section 4.4.
OUTPUT STAGE All digital output stages, except for the oscillator pins, have high voltage capabilities and are
implemented as NMOS open-drain buffers. Each pin can sink up to 10mA of current.
3.2. General Operational Modes
The ASI4U/ ASI4U-E/ASI4U-F provides two main operational modes and two additional sub-operational modes.
The two main operation modes are Slave Mode and Master Mode. Sub-operation modes are Repeater Mode and
Monitor Mode. The latter were derived from Master Mode for providing different output signals at the Parameter
Port.
The active operational mode is selected by programming the Master_Mode and Repeater_Mode flags in the
“Firmware Area” block of the EEPROM (also see Table 3.4). The EEPROM is read at every initialization of the IC.
Online mode switching is not provided. Table 3.1 gives the bit configurations for the operational modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com