| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASI4U bảng dữ liệu(PDF) 21 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ASI4U bảng dữ liệu(HTML) 21 Page - Integrated Device Technology |
|
21 / 70 page ![]() ASI4U / ASI4U-E / ASI4U-F Datasheet © 2016 Integrated Device Technology, Inc. 21 January 26, 2016 3.4. Master Mode Master Mode and the related Repeater and Monitor Modes differ completely in their functional properties from the Slave Mode. While the IC can autonomously perform different tasks in Slave Mode, it will only act as a physical layer transceiver in the Master, Repeater, and Monitor Modes. The basic property of these modes is a modulation/demodulation of AS-i signals to Manchester-II code and vice versa. The following figure shows the different data path configurations. Figure 3.4 Data Path in the Master, Repeater, and Monitor Modes Master Mode Slave Mode, AS-i Channel Slave Mode, IRD Addressing Channel Master Mode, Repeater Mode, and Monitor Mode differ from each other in the kind of signals that are available at the data I/O and parameter port pins of the IC. The signal assignments in Table 3.3 are provided: Table 3.3 Signal Assignments for Data I/O and Parameter Port Pins PIN MASTER MODE REPEATER MODE MONITOR MODE P0 Receive Clock Hi-Z Receive Clock P1 Power Fail Hi-Z Power Fail P2 Receive Strobe – Slave Telegram Hi-Z Receive Strobe – Slave Telegram P3 Hi-Z Hi-Z Receive Strobe – Master Telegram DI0 Inverting of IRD input signal. If these two are on different levels, the IRD input signal is inverted before further processing; otherwise it is directly forwarded to the UART. DI1 DI2 Inverting of LED output signal. If these two inputs are on different levels, the LED output signal is inverted after processing; otherwise it is directly forwarded to the LED1 output. DI3 DO0 Hi-Z Hi-Z Pulse Code Error DO1 Hi-Z Hi-Z No Information Error DO2 Hi-Z Hi-Z Parity Bit Error DO3 Hi-Z Hi-Z Manchester-II-Code Error at IRD Input More detailed signal descriptions can be found in sections 4.6, 4.7, and 4.12. ASI Receiver ASI Transmitter IRD CMOS Input LED Output UART ASI+ ASI- IRD (TX) LED1 (RX) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |