công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ASI4U bảng dữ liệu(PDF) 2 Page - Integrated Device Technology

tên linh kiện ASI4U
Giải thích chi tiết về linh kiện  AS-Interface Spec. V3.0 Compliant Universal AS-i IC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IDT [Integrated Device Technology]
Trang chủ  http://www.idt.com
Logo IDT - Integrated Device Technology

ASI4U bảng dữ liệu(HTML) 2 Page - Integrated Device Technology

  ASI4U Datasheet HTML 1Page - Integrated Device Technology ASI4U Datasheet HTML 2Page - Integrated Device Technology ASI4U Datasheet HTML 3Page - Integrated Device Technology ASI4U Datasheet HTML 4Page - Integrated Device Technology ASI4U Datasheet HTML 5Page - Integrated Device Technology ASI4U Datasheet HTML 6Page - Integrated Device Technology ASI4U Datasheet HTML 7Page - Integrated Device Technology ASI4U Datasheet HTML 8Page - Integrated Device Technology ASI4U Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
AS-Interface Spec. V3.0
Compliant Universal AS-i IC
ASI4U /
ASI4U-E /
ASI4U-F
Datasheet
© 2016 Integrated Device Technology, Inc.
2
January 26, 2016
Typical Applications
• AS-i Master Modules
• AS-i Slave Modules
• AS-i Safety Modules
TRANSMIT
DIGITAL
LOGIC
ASI4U/ASI4U-E/ASI4U-F
AGND
LGND
DI(3:0)
DSR
PST
P(3:0)
UIN
UOUT
U5R
OSC1
CAP
ASIP
ASIN
OVER- HEAT
P - PULSE
N - PULSE
REC- RESET
SEND-D
SEND- SBY
INPUT
STAGE
I/O
STAGE
OUTPUT
STAGE
INPUT
STAGE
CMOS
INPUT
STAGE
AC
CURRENT
INPUT
DATA- STRB
RESET
PARAM
STRB
ELECTRONIC
INDUCTOR
IRD_IN
ANA
DIG
OVER- LOAD
FID
LED2
LED1
IRD
GND
0V
INPUT
STAGE
OUTPUT
STAGE
OSC2
OUTPUT
STAGE
OUTPUT
STAGE
DO(3:0)
RECEIVE
OSCILLATOR
POWER
SUPPLY
THERMAL /
OVERLOAD
PROTECTION
ASI4U Block Diagram
Ordering Information
Ordering Code
Type
Package
Ta [°C]
RoHS
Conform
Packaging
Minimum
Order
ASI4UE-G1-ST
Standard
SSOP28
-25 to 85
Y
Tube (47 parts/tube)
470
ASI4UE-G1-SR
Standard
SSOP28
-25 to 85
Y
Tape & Reel (1500 parts/reel)
1500
ASI4UE-G1-SR-7
Standard
SSOP28
-25 to 85
Y
Tape & Reel 7” (500 parts/reel)
500
ASI4UE-G1-MT
Master
SSOP28
-25 to 85
Y
Tube (47 parts/tube)
470
ASI4UE-G1-MR
Master
SSOP28
-25 to 85
Y
Tape & Reel (1500 parts/reel)
1500
ASI4UE-E-G1-ST
Standard
SOP28
-25 to 105
Y
Tube (27 parts/tube)
270
ASI4UE-E-G1-SR
Standard
SOP28
-25 to 105
Y
Tape & Reel (1000 parts/reel)
1000
ASI4UE-F-G1-ST
Standard
SSOP28
-40 to 85
Y
Tube (47 parts/tube)
470
ASI4UE-F-G1-SR
Standard
SSOP28
-40 to 85
Y
Tape & Reel (1500 parts/reel)
1500
Corporate Headquarters
6024 Silver Creek Valley Road
San Jose, CA 95138
www.IDT.com
Sales
1-800-345-7015 or 408-284-8200
Fax: 408-284-2775
www.IDT.com/go/sales
Tech Support
www.IDT.com/go/support
DISCLAIMER Integrated Device Technology, Inc. (IDT) reserves the right to modify the products and/or specifications described herein at any time, without notice, at IDT's sole discretion. Performance
specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. The
information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of IDT's products for any particular purpose, an
implied warranty of merchantability, or non-infringement of the intellectual property rights of others. This document is presented only as a guide and does not convey any license under intellectual property
rights of IDT or any third parties.
IDT's products are not intended for use in applications involving extreme environmental conditions or in life support systems or similar devices where the failure or malfunction of an IDT product can be
reasonably expected to significantly affect the health or safety of users. Anyone using an IDT product in such a manner does so at their own risk, absent an express, written agreement by IDT.
Integrated Device Technology, IDT and the IDT logo are trademarks or registered trademarks of IDT and its subsidiaries in the United States and other countries. Other trademarks used herein are the
property of IDT or their respective third party owners. For datasheet type definitions and a glossary of common terms, visit www.idt.com/go/glossary. All contents of this document are copyright of Integrated
Device Technology, Inc. All rights reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com