| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASI4U bảng dữ liệu(PDF) 33 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ASI4U bảng dữ liệu(HTML) 33 Page - Integrated Device Technology |
|
33 / 70 page ![]() ASI4U / ASI4U-E / ASI4U-F Datasheet © 2016 Integrated Device Technology, Inc. 33 January 26, 2016 If the P1_Filter_Activation flag is set in the EEPROM, the activation of the data input filters depends on the value of the Parameter Port signal P1. The following coding applies: INPUT VALUE AT P1 DATA INPUT FILTER FUNCTION LOW level (=0) Activated HIGH level (=1) Deactivated For further details, refer to section 4.7. If the Synchronous_Data_I/O_Mode flag is set in the EEPROM, the value of the parameter port P2 activates or deactivates the Synchronous Data I/O Mode of the ASI4U/ASI4U-E/ASI4U-F. The following coding applies: INPUT VALUE AT P2 SYNCHRONOUS DATA I/O MODE LOW level (=0) Activated HIGH level (=1) Deactivated For further details, refer to section 4.7. The processed values of P0, P1, and P2 result from a wired-AND combination between the corresponding output value and the input value driven by an external signal source. 4.6.4. Master, Repeater, and Monitor Modes In the Master, Repeater, and Monitor Modes, the Parameter Port is configured differently than in Slave Mode. The pins serve as output channels for additional support signals or become set to the high impedance state. There is no input function associated with the Parameter Port pins. The following support signals are provided at the Parameter Port in the Master, Repeater, and Monitor Modes. Table 4.10 Parameter Port Output Signals in Master, Repeater, and Monitor Modes PIN MASTER MODE REPEATER MODE MONITOR MODE P0 Receive Clock Hi-Z Receive Clock P1 Power Fail Hi-Z Power Fail P2 Receive Strobe – Slave Telegram Hi-Z Receive Strobe – Slave Telegram P3 Hi-Z Hi-Z Receive Strobe – Master Telegram Receive Clock is provided to simplify external processing of Manchester-II-coded output data at the LED1 pin. The availability of a new AS-i telegram bit at LED1 is signaled by a rising edge of the receive clock so that the received data can simply be clocked into a shift register. The output signal is active HIGH. Power Fail signals a breakdown of the AS-i supply voltage. The output signal is active HIGH. For further information regarding the Power Fail function, refer to section 4.8. Receive Strobe – Slave Telegram is generated after every correctly received AS-i slave telegram. The output signal is active HIGH. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |