công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F301X6 bảng dữ liệu(PDF) 67 Page - STMicroelectronics

tên linh kiện STM32F301X6
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 bảng dữ liệu(HTML) 67 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 63Page - STMicroelectronics STM32F301X6 Datasheet HTML 64Page - STMicroelectronics STM32F301X6 Datasheet HTML 65Page - STMicroelectronics STM32F301X6 Datasheet HTML 66Page - STMicroelectronics STM32F301X6 Datasheet HTML 67Page - STMicroelectronics STM32F301X6 Datasheet HTML 68Page - STMicroelectronics STM32F301X6 Datasheet HTML 69Page - STMicroelectronics STM32F301X6 Datasheet HTML 70Page - STMicroelectronics STM32F301X6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 135 page
background image
DocID025146 Rev 6
67/135
STM32F301x6 STM32F301x8
Electrical characteristics
114
Table 35. Typical current consumption in Sleep mode, code running from Flash or RAM
Symbol
Parameter
Conditions
fHCLK
Typ
Unit
Peripherals
enabled
Peripherals
disabled
IDD
Supply current in
Sleep mode from
VDD supply
Running from HSE
crystal clock 8 MHz,
code executing from
Flash or RAM
72 MHz
28.7
6.1
mA
64 MHz
25.6
5.5
48 MHz
19.3
4.26
32 MHz
13.1
3.04
24 MHz
10.0
2.42
16 MHz
6.8
1.81
8 MHz
3.54
0.98
4 MHz
2.35
0.88
2 MHz
1.64
0.80
1 MHz
1.28
0.77
500 kHz
1.11
0.75
125 kHz
0.92
0.74
IDDA(1) (2)
Supply current in
Sleep mode from
VDDA supply
72 MHz
237.1
µA
64 MHz
208.3
48 MHz
154.3
32 MHz
105.0
24 MHz
81.3
16 MHz
57.8
8 MHz
1.15
4 MHz
1.15
2 MHz
1.15
1 MHz
1.15
500 kHz
1.15
125 kHz
1.15
1. VDDA supervisor is OFF.
2. When peripherals are enabled, the power consumption of the analog part of peripherals such as ADC, DAC, Comparators,
OpAmp etc. is not included. Refer to the tables of characteristics in the subsequent sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com