công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F301X6 bảng dữ liệu(PDF) 61 Page - STMicroelectronics

tên linh kiện STM32F301X6
Giải thích chi tiết về linh kiện  ARM Cortex-M4 32-bit MCUFPU, up to 64 KB Flash, 16 KB SRAM, ADC, DAC, COMP, Op-Amp, 2.0 ??3.6 V
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F301X6 bảng dữ liệu(HTML) 61 Page - STMicroelectronics

Back Button STM32F301X6 Datasheet HTML 57Page - STMicroelectronics STM32F301X6 Datasheet HTML 58Page - STMicroelectronics STM32F301X6 Datasheet HTML 59Page - STMicroelectronics STM32F301X6 Datasheet HTML 60Page - STMicroelectronics STM32F301X6 Datasheet HTML 61Page - STMicroelectronics STM32F301X6 Datasheet HTML 62Page - STMicroelectronics STM32F301X6 Datasheet HTML 63Page - STMicroelectronics STM32F301X6 Datasheet HTML 64Page - STMicroelectronics STM32F301X6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 135 page
background image
DocID025146 Rev 6
61/135
STM32F301x6 STM32F301x8
Electrical characteristics
114
Typical and maximum current consumption
The MCU is placed under the following conditions:
•
All I/O pins are in input mode with a static value at VDD or VSS (no load)
•
All peripherals are disabled except when explicitly mentioned
•
The Flash memory access time is adjusted to the fHCLK frequency (0 wait state from 0
to 24 MHz,1 wait state from 24 to 48 MHz and 2 wait states from 48 to 72 MHz)
•
Prefetch in ON (reminder: this bit must be set before clock setting and bus prescaling)
•
When the peripherals are enabled fPCLK2 = fHCLK and fPCLK1 = fHCLK/2
•
When fHCLK > 8 MHz, the PLL is ON and the PLL input is equal to HSI/2 (4 MHz) or
HSE (8 MHz) in bypass mode.
The parameters given in Table 29 to Table 35 are derived from tests performed under
ambient temperature and supply voltage conditions summarized in Table 23.
Table 29. Typical and maximum current consumption from VDD supply at VDD = 3.6V
Symbol Parameter Conditions
fHCLK
All peripherals enabled
All peripherals disabled
Unit
Typ
Max @ TA(1)
Typ
Max @ TA(1)
25 °C 85 °C 105 °C
25 °C 85 °C 105 °C
IDD
Supply
current in
Run
mode,
executing
from Flash
External
clock (HSE
bypass)
72 MHz 45.7
48.6
50.0
52.0
25.5
27.5
28.1
28.8
mA
64 MHz 40.6
43.6
44.5
46.4
22.7
24.6
25.2
25.9
48 MHz 30.8
33.6
34.1
35.5
17.3
19.0
19.5
20.0
32 MHz 21.0
22.9
23.5
25.6
11.7
13.2
13.7
14.1
24 MHz 16.0
16.8
18.0
18.9
9.0
10.4
10.8
11.4
8 MHz
5.4
5.6
6.1
7.2
3.3
3.3
3.8
4.2
1 MHz
1.1
1.2
1.7
2.7
0.8
0.9
1.3
1.6
Internal
clock (HSI)
64 MHz 37.6
41.3
42.9
44.7
22.5
24.7
25.0
25.8
48 MHz 28.7
32.3
33.1
34.0
17.2
19.1
19.4
19.6
32 MHz 19.5
22.0
23.4
24.6
11.5
12.9
13.5
13.7
24 MHz 14.9
16.6
17.9
18.4
6.0
7.0
7.4
7.9
8 MHz
5.2
5.5
6.4
7.0
3.2
3.8
4.3
4.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com