| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3188TCX bảng dữ liệu(PDF) 35 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3188TCX bảng dữ liệu(HTML) 35 Page - STMicroelectronics |
|
35 / 131 page ![]() DocID027179 Rev 6 35/131 STM8AL318x STM8AL3L8x Pin description 60 75 63 - PE6/LCD_SEG26(3)/ PVD_IN/TIM5_BKIN I/O FT(5) X XX HS X X Port E6 LCD segment 26 /PVD_IN /TIM5 break input 76 64 - PE7/LED_SEG27/ TIM5_ETR I/O FT(5) X XX HS X X Port E7 LCD segment 27/ TIM5 trigger -- 48 PE7/LED_SEG27/ TIM5_ETR/ USART3_RX I/O FT(5) X XX HS X X Port E7 LCD segment 27/TIM5 trig- ger/USART3 receive 77 - - PI0/RTC_TAMP1/ [SPI2_NSS]/[TIM3_CH1 I/O FT(5) X XX HS X X Port I0 RTC tamper 1 output [SPI2 master/slave select] [TIM3 channel 1] 78 - - PI1/RTC_TAMP2/ [SPI2_SCK] I/O FT(5) X XX HS X X Port I1 RTC tamper 2 output [SPI2 clock] 79 - - PI2/RTC_TAMP3/ [SPI2_MOSI] I/O FT(5) X XX HS X X Port I2 RTC tamper 3 output [SPI2 master out- slave in] 80 - - PI3/TIM5_CH1/ [SPI2_MISO]/[TIM3_CH2] I/O FT(5) X XX HS X X Port I3 TIM5 Channel 1 [SPI2 master in- slave out] [TIM3 channel 2] -- 32 PF0/ADC1_IN24/ DAC_OUT1 I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output -39 - PF0/ADC1_IN24/ DAC_OUT1 [USART3_TX] I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output/ [USART3 transmit] 49 - - PF0/ADC1_IN24/ DAC_OUT1/ [USART3_TX]/[SPI1_MIS O] I/O - X XX HS X X Port F0 ADC1_IN24 / DAC 1 output/ [USART3 transmit] [SPI1 master in- slave out] 50 - - PF1/ADC1_IN25/ DAC_OUT2/ [USART3_RX]/ [SPI1_MOSI] I/O - X XX HS X X Port F1 ADC1_IN25/ DAC channel 2 output/ [USART3 receive] [SPI1 master out- slave in] -40 - PF1/ADC1_IN25/ DAC_OUT2/ [USART3_RX] I/O - X XX HS X X Port F1 ADC1_IN25/ DAC channel 2 output/ [USART3 receive] 51 - - PF2/ADC1_IN26/ [SPI1_SCK]/ [USART3_SCK] I/O - X XX HS X X Port F2 ADC1_IN26 [SPI1 clock] [USART3 clock] 52 - - PF3/ADC1_IN27/ [SPI1_NSS] I/O - X XX HS X X Port F3 ADC1_IN26 [SPI1 master/slave select] Table 5. High-density STM8AL3x8x pin description (continued) Pin number Pin name Input Output Default alternate function |