| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM8AL3188TCX bảng dữ liệu(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8AL3188TCX bảng dữ liệu(HTML) 30 Page - STMicroelectronics |
|
30 / 131 page ![]() Pin description STM8AL318x STM8AL3L8x 30/131 DocID027179 Rev 6 12 8 8 PA7/LCD_SEG0(3)/ TIM5_CH1 I/O FT(5) X XX HS X X Port A7 LCD segment 0 / TIM5 channel 1 39 31 24 PB0(4)/TIM2_CH1/ LCD_SEG10(3)/ ADC1_IN18/ COMP1_INP I/O FT(5) X XX HS X X Port B0 Timer 2 - channel 1 / LCD segment 10 / ADC1_IN18/Comparator 1 positive input 40 32 25 PB1/TIM3_CH1/ LCD_SEG11(3)/ ADC1_IN17/ COMP1_INP I/O FT(5) X XX HS X X Port B1 Timer 3 - channel 1 / LCD segment 11 / ADC1_IN17/Comparator 1 positive input 41 33 26 PB2/ TIM2_CH2/ LCD_SEG12(3)/ ADC1_IN16/ COMP1_INP I/O FT(5) X XX HS X X Port B2 Timer 2 - channel 2 / LCD segment 12 / ADC1_IN16/Comparator 1 positive input 42 34 27 PB3/TIM2_ETR/ LCD_SEG13(3)/ ADC1_IN15/COMP1_INP I/O FT(5) X XX HS X X Port B3 Timer 2 - trigger / LCD segment 13 /ADC1_IN15/Comparator 1 positive input 43 35 - PB4(4)/SPI1_NSS/ LCD_SEG14(3)/ ADC1_IN14/COMP1_INP I/O FT(5) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14/Comparator 1 positive input -- 28 PB4(4)/SPI1_NSS/ LCD_SEG14(3)/ ADC1_IN14/DAC_OUT2/ COMP1_INP I/O FT(5) X XX HS X X Port B4 SPI1 master/slave select / LCD segment 14 / ADC1_IN14 / DAC channel 2 output/Comparator 1 positive input 44 36 - PB5/SPI1_SCK/ LCD_SEG15(3)/ ADC1_IN13 COMP1_INP I/O FT(5) X XX HS X X Port B5 SPI1 clock / LCD segment 15 / ADC1_IN13/Comparator 1 positive input -- 29 PB5/SPI1_SCK/ LCD_SEG15(3)/ ADC1_IN13/DAC_OUT2/ COMP1_INP I/O FT(5) X XX HS X X Port B5 [SPI1 clock] / LCD segment 15 / ADC1_IN13 / DAC channel 2 output/Comparator 1 positive input Table 5. High-density STM8AL3x8x pin description (continued) Pin number Pin name Input Output Default alternate function |