| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5347 bảng dữ liệu(PDF) 103 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 bảng dữ liệu(HTML) 103 Page - PMC-Sierra, Inc |
|
103 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 87 TRCLKA: The TRCLK active bit monitors for low to high transitions on the TRCLK+ and TRCLK- inputs. TRCLKA is set high on a rising edge of TRCLK+/-, and is set low when this register is read. TTCLKA: The TTCLK active bit monitors for low to high transitions on the TTCLK+ and TTCLK- inputs. TTCLKA is set high on a rising edge of TTCLK+/-, and is set low when this register is read. TFCLKA: The TFCLK active bit monitors for low to high transitions on the TFCLK input. TFCLKA is set high on a rising edge of TFCLK, and is set low when this register is read. RFCLKA: The RFCLK active bit monitors for low to high transitions on the RFCLK input. RFCLKA is set high on a rising edge of RFCLK, and is set low when this register is read. |