công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PM5347 bảng dữ liệu(PDF) 19 Page - PMC-Sierra, Inc

tên linh kiện PM5347
Giải thích chi tiết về linh kiện  SATURN USER NETWORK INTERFACE PLUS
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PMC [PMC-Sierra, Inc]
Trang chủ  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5347 bảng dữ liệu(HTML) 19 Page - PMC-Sierra, Inc

Back Button PM5347 Datasheet HTML 15Page - PMC-Sierra, Inc PM5347 Datasheet HTML 16Page - PMC-Sierra, Inc PM5347 Datasheet HTML 17Page - PMC-Sierra, Inc PM5347 Datasheet HTML 18Page - PMC-Sierra, Inc PM5347 Datasheet HTML 19Page - PMC-Sierra, Inc PM5347 Datasheet HTML 20Page - PMC-Sierra, Inc PM5347 Datasheet HTML 21Page - PMC-Sierra, Inc PM5347 Datasheet HTML 22Page - PMC-Sierra, Inc PM5347 Datasheet HTML 23Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 302 page
background image
PM5347 S/UNI-PLUS
DATA SHEET
PMC-941033
ISSUE 6
SATURN USER NETWORK INTERFACE PLUS
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
3
The transmitter section:
• Provides an internal four cell FIFO into which cells are written using a generic
16-bit or 8-bit wide datapath interface.
• Inserts the generic flow control (GFC) bits via a simple serial interface and
provides a transmit XOFF function to allow for local flow control.
• Counts transmit cells read from the transmit FIFO.
• Provides idle/unassigned cell insertion, HCS generation/insertion, and ATM
cell payload scrambling.
• Inserts ATM cells into the transmitted STS-3c/1 (STM-1) synchronous
payload envelope.
• Inserts a register programmable path signal label (C2).
• Generates the transmit payload pointer (H1, H2) and inserts the path
overhead.
• Optionally inserts the 16 or 64 byte section trace (J0) sequence and the 16 or
64 byte path trace (J1) sequence from internal register banks.
• Optionally inserts externally generated path overhead bytes received via a
576 kbit/s serial interface.
• Optionally inserts externally generated data communication channels (D1-D3,
D4-D12) via a 192 kbit/s (D1-D3) serial stream and a 576 kbit/s (D4-D12)
serial stream.
• Optionally inserts externally generated section user channel (F1) and
externally generated orderwire channels (E1, E2) via three 64 kbit/s serial
interfaces.
• Optionally inserts externally generated transport overhead bytes received via
a 5.184 Mbit/s serial interface.
• Scrambles the transmitted STS-3c/1 (STM-1) stream and inserts the framing
bytes (A1, A2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com