| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PM5347 bảng dữ liệu(PDF) 85 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM5347 bảng dữ liệu(HTML) 85 Page - PMC-Sierra, Inc |
|
85 / 302 page ![]() PM5347 S/UNI-PLUS DATA SHEET PMC-941033 ISSUE 6 SATURN USER NETWORK INTERFACE PLUS PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE 69 Persistency: The Persistency process checks for the repeated reception of the same C2 byte. An unstable counter is incremented for each received C2 byte that differs from the byte received in the previous frame. For example, a single corrupted byte value in a sequence of constant values causes the unstable count to increment twice, once on receipt of the corrupted value, and again on the next (uncorrupted) value. A path signal label unstable alarm or a synchronization status unstable alarm is declared when either unstable counter reaches five. The unstable counter is reset to zero, the unstable alarm is removed, and the byte value is accepted when the same label is received in five consecutive frames. The accepted value is passed to the Compare process for comparison with the expected value. Compare: A path signal label mismatch alarm or a synchronization status mismatch alarm is declared if the accepted C2 byte (i.e. the byte value that has passed the persistency check) does not match the expected C2 byte (previously downloaded by the microprocessor). The OBR mismatch mechanism follows the following table: |