| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC87310 bảng dữ liệu(PDF) 51 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87310 bảng dữ liệu(HTML) 51 Page - National Semiconductor (TI) |
|
51 / 52 page ![]() 70 AC Electrical Characteristics TA e 0 Cto a70 C VDD ea5V g10% (Continued) PARALLEL INTERFACE Symbol Parameter Conditions Typ Max Units tPDH Port Data Hold (Note 1) 500 ns tPDS Port Data Setup (Note 1) 500 ns tPI Port Interrupt 38 ns tSW Strobe Width (Note 1) 500 ns Note 1 These numbers are system dependent and therefore are not tested Interrupt Timing TLC10591 – 32 Typical Peripheral Data Exchange TLC10591 – 33 IDE AND GAME PORT TIMING Symbol Parameter Conditions Min Max Units tAD Delay from Address to Disable Strobe 25 ns tAE Delay from Address to Enable Strobe 25 ns tSD Delay from CPU Strobe to Disable Game Strobe 25 ns tSE Delay from CPU Strobe to Enable Game Strobe 25 ns TLC10591 – 34 51 |