| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL811USB bảng dữ liệu(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL811USB bảng dữ liệu(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 36 page ![]() GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller ©2000-2002 Genesys Logic Inc.—All rights reserved. Page 15 6.4.1 Register transfers Notes: 1.Device address consists of signals CS0_, CS1_ and DA(2:0). 2.Data consists of IODD(7:0). 3.The negation of IORDY by the device is used to extend the register transfer cycle. The determination of whether the cycle is to be extended is made by the host after tA from the assertion of DIOR_ or DIOW_. The assertion and negation of IORDY are described as following: t0 t1 t2 t9 t2i t3 t4 t5 t6 t6z tA tC tRD tC tB ADDR valid (Note1) DIOR_/DIOW_ WRITE IODD(7:0) (Note2) Read IODD(7:0) (Note2) IORDY (Note3.1) IORDY (Note3.2) IORDY (Note3.3) |