| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL811USB bảng dữ liệu(PDF) 31 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL811USB bảng dữ liệu(HTML) 31 Page - List of Unclassifed Manufacturers |
|
31 / 36 page ![]() GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller ©2000-2002 Genesys Logic Inc.—All rights reserved. Page 30 6.4.3.9 Device pausing an Ultra DMA data-out burst Notes: 1.The device may negate DMARQ to request termination of the Ultra DMA burst no sooner than tRP after DDMARDY_ is negated. 2.If the tSR timing is not satisfied, the device may receive zero, one, or two more data words from the host. DMARQ (device) DMACK_ (host) STOP (host) DDMARDY_ (device) HSTROBE (host) IODD(15:0) (host) tRP tSR tRFS |