| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GL811USB bảng dữ liệu(PDF) 7 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
GL811USB bảng dữ liệu(HTML) 7 Page - List of Unclassifed Manufacturers |
|
7 / 36 page ![]() GL811USB – USB 2.0 to ATA / ATAPI Bridge Controller ©2000-2002 Genesys Logic Inc.—All rights reserved. Page 6 3.2.8 FIFOs Control FIFO is used as Control Read / Write FIFO. TXFIFO0 / TXFIFO1 are two sets of 512-byte ping-pong FIFO for Bulk Read endpoint. It buffers data from IDE engine, and re-direct to USB SIE logic. RXFIFO0 / RXFIFO1 are two sets of 512-byte ping-pong FIFO for Bulk Write endpoint. It buffers data from USB SIE logic, and re-direct to IDE engine. 3.2.9 Control Registers Control Register configures GL811USB to proper operation. For example, CPU can set register to generate wakeup event, enter suspend, transmits proper USB packet to host. |