| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7257LE bảng dữ liệu(PDF) 15 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7257LE bảng dữ liệu(HTML) 15 Page - Infineon Technologies AG |
|
15 / 31 page ![]() TLE7257 Functional Description Data Sheet 15 Rev. 1.0, 2013-10-16 4.8 Undervoltage Detection Figure 11 Early undervoltage detection The TLE7257 has undervoltage detection on the V S supply pin with two different thresholds: • In Normal Operation mode the TLE7257 blocks the communication between the LIN bus and the microcontroller when detecting undervoltage events. However, no mode change will occur. After V S rises above the undervoltage release level V S,UV,REL, the bus communication interface will be released when the signal on the TxD input goes “high”. See Figure 11. • In case the V S power supply drops down below the power-on reset level VS,UV,PON the TLE7257 blocks the communication between the LIN bus and the microcontroller, and also changes the operation mode to Sleep mode after V S supply recovery. The power-on reset level is active in all operation modes. See Figure 12. Figure 12 Undervoltage detection and power-on reset TLE7257_UNDERVOLTAGE_EARLY Supply voltage V S Power-on reset level V S,UV,PON Normal Operation mode Normal Operation mode Blanking time t blank,UV Communication blocked Undervoltage release level V S,UV,ON Undervoltage hysteresis V S,UV,HYS V S t Undervoltage detection level V S,UV,OFF TLE7257_UNDERVOLTAGE_RESET Device unpowered Supply voltage V S Normal Operation mode Sleep mode (EN = „low“) Normal Operation mode (EN = “high“) Blanking time t blank,UV Undervoltage release level V S,UV,ON Undervoltage hysteresis V S,UV,HYS Power-on reset level V S,UV,PON Communication blocked V S t Undervoltage detection level V S,UV,OFF |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |