công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7257LE bảng dữ liệu(PDF) 26 Page - Infineon Technologies AG

tên linh kiện TLE7257LE
Giải thích chi tiết về linh kiện  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE bảng dữ liệu(HTML) 26 Page - Infineon Technologies AG

Back Button TLE7257LE Datasheet HTML 22Page - Infineon Technologies AG TLE7257LE Datasheet HTML 23Page - Infineon Technologies AG TLE7257LE Datasheet HTML 24Page - Infineon Technologies AG TLE7257LE Datasheet HTML 25Page - Infineon Technologies AG TLE7257LE Datasheet HTML 26Page - Infineon Technologies AG TLE7257LE Datasheet HTML 27Page - Infineon Technologies AG TLE7257LE Datasheet HTML 28Page - Infineon Technologies AG TLE7257LE Datasheet HTML 29Page - Infineon Technologies AG TLE7257LE Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
TLE7257
Application Information
Data Sheet
26
Rev. 1.0, 2013-10-16
7.6
RxD Pull-up Resistor
The receive data output (RxD) provides an open drain behavior for allowing the output level to be adapted to the
microcontroller supply voltage. Thus 3.3 V microcontroller derivatives without 5 V tolerant ports can be used. In
case the microcontroller port pin does not provide an integrated pull-up, an external pull-up resistor connected to
the microcontroller’s
V
CC supply voltage is required.
The typical RxD pin current / voltage characteristic over temperature is given in Figure 17. With the applications
microcontroller port pins’ (Rx) minimum “high”-level and maximum “low”-level input voltage the pull-up resistor can
be dimensioned. For most applications a pull-up resistor RRx of 2.4 kΩ is recommended.
Figure 17
Typical RxD output sink characteristics
Table 9
TxD Termination
Operation Mode
Remarks
Normal Operation mode
The internal pull-up structure is active, in case the TxD input is open the
TxD input signal is “high” and the output on the BUS pin is “recessive”
Standby mode
The internal pull-up structure is active, in case the TxD input is open the
TxD input signal is “high”. In Standby mode the transmitter is turned off
and therefore the output on the BUS pin always is “recessive”
Sleep mode
The internal pull-up structure is inactive, in case the TxD input is open the
TxD input signal is “floating”. In Sleep mode the transmitter is turned off
and therefore the output on the BUS pin always is “recessive”
0
1
2
3
4
5
6
7
8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
I
RxD
[mA]
T
j
= −40
°C
T
j
= 27
°C
T
j
= 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com