công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE7257LE bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG

tên linh kiện TLE7257LE
Giải thích chi tiết về linh kiện  LIN Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE7257LE bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG

  TLE7257LE Datasheet HTML 1Page - Infineon Technologies AG TLE7257LE Datasheet HTML 2Page - Infineon Technologies AG TLE7257LE Datasheet HTML 3Page - Infineon Technologies AG TLE7257LE Datasheet HTML 4Page - Infineon Technologies AG TLE7257LE Datasheet HTML 5Page - Infineon Technologies AG TLE7257LE Datasheet HTML 6Page - Infineon Technologies AG TLE7257LE Datasheet HTML 7Page - Infineon Technologies AG TLE7257LE Datasheet HTML 8Page - Infineon Technologies AG TLE7257LE Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Type
Package
Marking
TLE7257SJ
PG-DSO-8
7257SJ
TLE7257LE
PG-TSON-8
7257
PG-DSO-8
PG-TSON-8
Data Sheet
3
Rev. 1.0, 2013-10-16
LIN Transceiver
TLE7257SJ
TLE7257LE
TLE7257
1Overview
Features
•
Single-wire LIN transceiver for transmission rates up to 20 kbps
•
Compliant to ISO 17987-4, LIN Specification 2.2A and SAE J2602
•
Very low current consumption in Sleep mode with wake-up capability
•
Very low leakage current on the BUS pin
•
Digital I/O levels compatible with 3.3 V and 5 V microcontrollers
•
TxD protected with dominant time-out function and state check after
mode change to Normal Operation mode
•
BUS short to
V
BAT protection and BUS short to GND handling
•
Over temperature protection and supply undervoltage detection
•
Very high ESD robustness, ± 10 kV according to IEC61000-4-2
•
Optimized for high electromagnetic compatibility (EMC);
Very low emission and high immunity to interference
•
Available in standard PG-DSO-8 and leadless PG-TSON-8 packages
•
PG-TSON-8 package supports Automated Optical Inspection (AOI)
•
Green Product (RoHS compliant)
•
AEC Qualified
Description
The TLE7257 is a transceiver for the Local Interconnect Network (LIN)
with integrated wake-up and protection features. It is designed for in-
vehicle networks using data transmission rates up to 20 kbps. The TLE7257 operate as a bus driver between the
protocol controller and the physical bus of the LIN network. Compliant to all LIN standards and with a wide
operational supply range the TLE7257 can be used in all automotive applications.
The usage of different operation modes and the INH output allows the TLE7257 to control external components
like e.g. voltage regulators. In Sleep mode the TLE7257 draws typically less than 10 μA of quiescent current while
still being able to wake-up when detecting LIN bus traffic. The very low leakage current on the BUS pin makes the
TLE7257 especially suitable for partially supplied networks.
Based on the Infineon BiCMOS technology the TLE7257 provides excellent ESD robustness together with a very
high electromagnetic compatibility (EMC). The TLE7257 reaches a very low level of electromagnetic emission
(EME) within a broad frequency range and independent from the battery voltage. The TLE7257 is AEC qualified
and tailored to withstand the harsh conditions of the automotive environment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com