| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE7257LE bảng dữ liệu(PDF) 29 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE7257LE bảng dữ liệu(HTML) 29 Page - Infineon Technologies AG |
|
29 / 31 page ![]() TLE7257 Package Outlines Data Sheet 29 Rev. 1.0, 2013-10-16 8 Package Outlines Figure 20 PG-DSO-8 (Plastic Dual Small Outline PG-DSO-8-44) Figure 21 PG-TSON-8 (Plastic Thin Small Outline Nonleaded PG-TSON-8-1) Green Product (RoHS compliant) To meet the world-wide customer requirements for environmentally friendly products and to be compliant with government regulations the device is available as a green product. Green products are RoHS-Compliant (i.e. Pb- free finish on leads and suitable for Pb-free soldering according to IPC/JEDEC J-STD-020). 0.35 x 45˚ 1) -0.2 4 C 0.64 ±0.2 6 ±0.25 0.2 8x M C 1.27 +0.1 0.41 0.2 M A -0.06 B 8x B 2) Index Marking 5-0.2 1) 4 1 85 A 1) Does not include plastic or metal protrusion of 0.15 max. per side 2) Lead width can be 0.61 max. in dambar area GPS01181 0.1 Pin 1 Marking Pin 1 Marking PG-TSON-8-1-PO V01 ±0.1 2.4±0.1 0.1 ±0.1 0.3 ±0.1 0.38 ±0.1 0.3 ±0.1 0.65 ±0.1 3 0.07 MIN. 0.05 For further information on alternative packages, please visit our website: http://www.infineon.com/packages. Dimensions in mm |