| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C32M16D2 bảng dữ liệu(PDF) 7 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C32M16D2 bảng dữ liệu(HTML) 7 Page - Alliance Semiconductor Corporation |
|
7 / 70 page ![]() AS4C32M16D2 Alliance Memory Inc. 551 Taylor Way, San Carlos, CA 94070 TEL: (650) 610-6800 FAX: (650) 620-9211 Alliance Memory Inc. reserves the right to change products or specification without notice. 7 Rev. 1.1 Feb. /2013 Operation Mode Table 4 shows the truth table for the operation commands. Table 4. Truth Table (Note (1), (2)) Command State CKEn-1 CKEn DM BA0,1 A10 A0-9, 11-12 CS# RAS# CAS# WE# BankActivate Idle(3) H H X V Row address L L H H Single Bank Precharge Any H H X V L X L L H L All Banks Precharge Any H H X X H X L L H L Write Active(3) H H X V L Column address (A0 – A9) L H L L Write with AutoPrecharge Active(3) H H X V H L H L L Read Active(3) H H X V L Column address (A0 – A9) L H L H Read and Autoprecharge Active(3) H H X V H L H L H Extended Mode Register Set Idle H H X V OP code L L L L No-Operation Any H X X X X X L H H H Burst Stop Active(4) H X X X X X L H H L Device Deselect Any H X X X X X H X X X Refresh Idle H H X X X X L L L H SelfRefresh Entry Idle H L X X X X L L L H SelfRefresh Exit Idle L H X X X X H X X X L H H H Power Down Mode Entry Idle H L X X X X H X X X L H H H Power Down Mode Exit Any L H X X X X H X X X L H H H Data Input Mask Disable Active H X L X X X X X X X Data Input Mask Enable(5) Active H X H X X X X X X X NOTE 1: V=Valid data, X=Don't Care, L=Low level, H=High level NOTE 2: CKEn signal is input level when commands are provided. NOTE 3: CKEn-1 signal is input level one clock cycle before the commands are provided. NOTE 4: These are states of bank designated by BA signal. NOTE 5: Device state is 4, and 8 burst operation. NOTE 6: LDM and UDM can be enabled respectively. |