| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AR0141CS bảng dữ liệu(PDF) 24 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AR0141CS bảng dữ liệu(HTML) 24 Page - ON Semiconductor |
|
24 / 64 page ![]() AR0141CS/D Rev. 6, 4/16 EN 24 ©Semiconductor Components Industries, LLC, 2016. AR0141CS: 1/4-Inch Digital Image Sensor Sensor Readout Figure 21: Effect of Horizontal Mirror on Readout Order Vertical Flip When the vert_flip bit (R0x3040[15]) is set in the read_mode register, the order in which pixel rows are read out is reversed, so that row readout starts from y_addr_end and ends at y_addr_start. Figure 30 shows a sequence of 6 rows being read out with R0x3040[15] = 0 and R0x3040[15] = 1. Figure 22: Effect of Vertical Flip on Readout Order G0[11:0] R0[11:0] G1[11:0] R1[11:0] G2[11:0] R2[11:0] G3[11:0] R2[11:0] G2[11:0] R1[11:0] G1[11:0] R0[11:0] LINE_VALID horiz_mirror = 0 DOUT[11:0] horiz_mirror = 1 DOUT[11:0] Row0[11:0] Row1[11:0] Row2[11:0] Row3[11:0] Row4[11:0] Row5[11:0] Row6[11:0] Row5[11:0] Row4[11:0] Row3[11:0] Row1[11:0] FRAME_VALID vert_flip = 0 DOUT[11:0] vert_flip = 1 DOUT[11:0] Row2[11:0] |