| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AP0100CS bảng dữ liệu(PDF) 14 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
AP0100CS bảng dữ liệu(HTML) 14 Page - ON Semiconductor |
|
14 / 73 page ![]() CLK_N Disabled Disabled Dependent on interface used Dependent on interface used Dependent on interface used Dependent on interface used Input. Will be disabled and can be left floating CLK_P DATA0_N DATA0_P DATA1_N DATA1_P FV_OUT, LV_OUT, PIXCLK_OUT, DOUT[15:0] High- impedance Varied Driven if used Driven if used Driven if used Driven if used Output. Default state dependent on configuration DAC_POS Varied Varied Driven if used Driven if used Driven if used Driven if used Output. Default state dependent on configuration. Tie to ground if VDAC not used DAC_NEG DAC_REF n/a n/a n/a n/a n/a n/a Input. Requires reference resistor. Tie to ground if VDAC not used GPIO[5:2] High- impedance Input, then high- impedance Driven if used Driven if used Driven if used Driven if used Input/Output. After reset, these pins are sampled as inputs as part of auto- configuration. GPIO1 High- impedance High- impedance High- impedance High- impedance High- impedance High- impedance TRIGGER_OUT High- impedance High- impedance Driven if used Driven if used Driven if used Driven if used TRST_BAR n/a n/a (negated) (negated) (negated) (negated) Input. Must always be driven to a valid logic level. Table 7: Output States Name Hardware States Firmware States Notes Reset State Default State Hard Standby Soft Standby Streaming Idle |