công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS80032A2ABYFFR bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS80032A2ABYFFR
Giải thích chi tiết về linh kiện  Fully Integrated Power Management With Power Path and Battery Charger
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032A2ABYFFR bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button TPS80032A2ABYFFR Datasheet HTML 9Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 10Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 11Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 12Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 13Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 14Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 15Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 16Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 127 page
background image
TPS80032
www.ti.com
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
Recommended Operating Conditions (continued)
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Battery charger supply voltage VAC
0
5.0
10.0
V
Battery charger CHRG_PMID
0
5.0
6.0
V
Battery charger CHRG_SW and CHRG_BOOT
0
5.0
6.0
V
Battery charger CHRG_VREF
0
5.0
6.5
V
Battery charger CHRG_DET_N
0
LDOUSB
4.8
V
All other charger analog-related input balls such as CHRG_CSIN,
0
3.8
4.8
V
CHRG_CSOUT, and CHRG_LED_IN
Voltage on the USB OTG ID ball
0
LDOUSB
LDOUSBmax
V
Voltage on the VRTC GPADC balls GPADC_IN0, GPADC_IN1, and
VRTC
VRTCmax
V
GPADC_IN4
Voltage on the VANA GPADC balls GPADC_IN2, GPADC_IN3,
VANA
VANAmax
V
GPADC_IN5, and GPADC_IN6
Voltage on the crystal oscillator OSC32KIN ball
VRTC
VRTCmax
V
Voltage on all other analog input balls such as GGAUGE_RESN and
VANA
VANAmax
V
GGAUGE_RESP
OTP memory supply voltage VPROG
8.0
10.0
V
Voltage on VRTC digital input balls
VRTC
VRTCmax
V
Voltage on VIO digital input balls
VIO
VIOmax
V
Voltage on VBAT digital input balls
0
3.8
4.8
V
Ambient temperature range
–40
27
85
°C
Junction temperature (TJ)
–40
27
125
°C
Storage temperature range
–65
27
150
°C
Lead temperature (soldering, 10 seconds)
260
°C
4.4
Thermal Characteristics for YFF Package
NAME
DESCRIPTION
(°C/W)(1)
AIR FLOW (m/s)(2)
R
ΘJC
Junction-to-case (top)
0.1
0.00
R
ΘJB
Junction-to-board
19.0
0.00
R
ΘJA
Junction-to-free air
37.7
0.00
PsiJT
Junction-to-package top
0.7
0.00
PsiJB
Junction-to-board
18.6
0.00
(1)
These values are based on a JEDEC-defined 2S2P system (with the exception of the Theta JC [R
ΘJC] value, which is based on a
JEDEC-defined 1S0P system) and will change based on environment as well as application. For more information, see these
EIA/JEDEC standards:
•
JESD51-2, Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
•
JESD51-3, Low Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-7, High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
•
JESD51-9, Test Boards for Area Array Surface Mount Package Thermal Measurements
The maximum power, 0.4 W, is at 85°C ambient temperature.
(2)
m/s = meters per second
Copyright © 2011–2014, Texas Instruments Incorporated
Specifications
13
Submit Documentation Feedback
Product Folder Links: TPS80032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com