công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS80032A2ABYFFR bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS80032A2ABYFFR
Giải thích chi tiết về linh kiện  Fully Integrated Power Management With Power Path and Battery Charger
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS80032A2ABYFFR bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button TPS80032A2ABYFFR Datasheet HTML 45Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 46Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 47Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 48Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 49Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 50Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 51Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 52Page - Texas Instruments TPS80032A2ABYFFR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
TPS80032
www.ti.com
SWCS059I – MARCH 2011 – REVISED NOVEMBER 2014
The polarity is defined as following:
•
High level: resources are in active state
•
Low level: resources are in sleep state
Dedicated register bits (SENS_PREQ1, SENS_PREQ2 and SENS_PREQ3) allow reversing the PREQ
balls polarity (PHOENIX_SENS_TRANSITION register).
5.3.9
DVS Software Commands
Only SMPS DVS compliant can be accessed by the DVS-I2C.
On top of hardware commands, DVS compliant power resources (SMPS1/2/5) can receive additional
commands via the DVS-I2C. The DVS-I2C port can address two types of register:
•
A command register
•
A voltage register
The DVS command field (2 MSB bits of xxxx_CFG_FORCE register) will be interpreted as follow:
•
00: ON Force Voltage: The power resource is set in ON mode with the voltage value defined in the 6
LSB bits of the command register SMPS1/2/5_CFG_FORCE
•
01: ON: The power resource is set in ON mode with the voltage value defined in the
SMPS1/2/5_CFG_VOLTAGE voltage register
•
10: SLEEP Force Voltage: The power resource is set in SLEEP mode with the voltage value defined in
the 6 LSB bits of the command register SMPS1/2/5_CFG_FORCE
•
11: SLEEP: The power resource is set in SLEEP mode with the voltage value defined in the
SMPS1/2/5_CFG_VOLTAGE voltage register
The SLEEP Force Voltage command with the voltage value set at 000000 must be naturally interpreted as
a shutdown command for the power resource.
ON FORCE / SLEEP FORCE set the voltage independently of the adaptive voltage scaling. ON / SLEEP
follow the adaptive voltage scaling.
NOTE
•
Default value is the voltage value register (both register will be set with the same default
value)
•
When the voltage is switched on the force voltage value, this is done smoothly with a
maximum ramping define by register STEP
•
DVS has only access to register voltage and force voltage (no access to register step) for
SMPS1, SMPS2 and SMPS5
All power resources, LDOs and non-DVS-SMPS, can be accessed by the control I2C (CTL-I2C). The
control I2C allows the host processor to access all the internal registers for configuration purpose or
resource commands. LDOs state can be changed by writing to the register xxx_CFG_STATE register and
the output voltage level can be controlled by xxx_CFG_VOLTAGE register. The five LSBs represent a
binary value used to compute the absolute voltage value to be generated by the LDO:
Absolute Voltage value = 1.0 V + 0.1 V * (binary value - 00000001)
This equation applies to all general-purposes LDOs, for all codes from 00000001 to 00011000. For the
remaining codes, it has been specified dedicated output voltages:
•
00000000 sets the output voltage to 0 V
•
00011001 to 00011110 codes are reserved
•
00011111 code sets the output voltages at 2.75 V
Copyright © 2011–2014, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: TPS80032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com